Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A1356 Fiches technique(PDF) 12 Page - Allegro MicroSystems

No de pièce A1356
Description  High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1356 Fiches technique(HTML) 12 Page - Allegro MicroSystems

Back Button A1356_16 Datasheet HTML 8Page - Allegro MicroSystems A1356_16 Datasheet HTML 9Page - Allegro MicroSystems A1356_16 Datasheet HTML 10Page - Allegro MicroSystems A1356_16 Datasheet HTML 11Page - Allegro MicroSystems A1356_16 Datasheet HTML 12Page - Allegro MicroSystems A1356_16 Datasheet HTML 13Page - Allegro MicroSystems A1356_16 Datasheet HTML 14Page - Allegro MicroSystems A1356_16 Datasheet HTML 15Page - Allegro MicroSystems A1356_16 Datasheet HTML 16Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
High Precision Linear Hall-Effect Sensor IC
With an Open Drain Pulse Width Modulated Output
A1356
12
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Overview
Programming is accomplished by sending a series of input volt-
age pulses serially through the VCC pin of the device. A unique
combination of different voltage level pulses controls the internal
programming logic of the device to select a desired programma-
ble parameter and change its value. There are three voltage levels
that must be taken into account when programming. These levels
are referred to as high, VP(HIGH), mid, VP(MID), and low, VP(LOW).
The 1356 features Try mode, Blow mode and Lock mode:
• In Try mode, the value of multiple programmable parameters
may be set and measured simultaneously. The parameter values
are stored temporarily, and reset after cycling the supply volt-
age.
• In Blow mode, the value of a single programmable parameter
may be set and measured, and then permanently set by blowing
solid-state fuses internal to the device. Additional parameters
may be blown sequentially. This mode also is used for blow-
ing the device-level fuse (when Lock mode is enabled), which
permanently blocks the further programming of all parameters.
• Lock mode prevents all future programming of the device. This
is accomplished by blowing a special fuse using Blow mode.
The programming sequence is designed to help prevent the
device from being programmed accidentally; for example, as a
result of noise on the supply line. Although any programmable
variable power supply can be used to generate the pulse wave-
forms, Allegro highly recommends using the Allegro Sensor
Evaluation Kit, available on the Allegro website On-line Store.
The manual for that kit is available for download free of charge,
and provides additional information on programming these
devices.
Definition of Terms
Register
The section of the programming logic that controls the
choice of programmable modes and parameters.
Bit Field
The internal fuses unique to each register, represented
as a binary number. Changing the bit field settings of a particular
register causes its programmable parameter to change, based on
the internal programming logic.
Key
A series of mid-level voltage pulses used to select a register,
with a value expressed as the decimal equivalent of the binary
value. The LSB of a register is denoted as key 1, or bit 0.
Code
The number used to identify the combination of fuses
activated in a bit field, expressed as the decimal equivalent of the
binary value. The LSB of a bit field is denoted as code 1, or bit 0.
Addressing
Increasing the bit field code of a selected register
by serially applying a pulse train through the VCC pin of the
device. Each parameter can be measured during the addressing
process, but the internal fuses must be blown before the program-
ming code (and parameter value) becomes permanent.
Fuse Blowing
Applying a high voltage pulse of sufficient
duration to permanently set an addressed bit by blowing a fuse
internal to the device. After a bit (fuse) has been blown, it cannot
be reset.
Blow Pulse
A high voltage pulse of sufficient duration to blow
the addressed fuse.
Cycling the Supply
Powering-down, and then powering-up the
supply voltage. Cycling the supply is used to clear the program-
ming settings in Try mode.
Programming Guidelines
Programming Pulse Requirements, Protocol at TA = 25 °C
Characteristic
Symbol
Notes
Min.
Typ.
Max.
Unit
Programming
Voltage
VP(LOW)
Measured at the VCC pin.
5
5.5
V
VP(MID)
13
15
16
V
VP(HIGH)
26
27
28
V
Programming
Current
IP
Minimum supply current required to ensure proper fuse blowing. In addition, a
minimum capacitance, CBLOW = 0.1 μF, must be connected between the supply and
GND pins during programming to provide the current necessary for fuse blowing.
The blowing capacitor should be removed and the load capacitance used for properly
programming duty cycle measurements.
300
mA
Pulse Width
tLOW
Duration of VP(LOW) for separating VP(MID) and VP(HIGH) pulses.
40
μs
tACTIVE
Duration of VP(MID) and VP(HIGH) pulses for register selection or bit field addressing.
40
μs
tBLOW
Duration of VP(HIGH) pulses for fuse blowing.
40
μs
Pulse Rise Time
tPr
Rise time required for transitions from VP(LOW) to either VP(MID) or VP(HIGH).
5
100
μs
Pulse Fall Time
tPf
Fall time required for transitions from VP(HIGH) to either VP(MID) or VP(LOW).
5
100
μs


Numéro de pièce similaire - A1356_16

FabricantNo de pièceFiches techniqueDescription
logo
EPCOS
A1356 EPCOS-A1356 Datasheet
364Kb / 5P
   AC Film Capacitors Lighting
logo
Allegro MicroSystems
A1356 ALLEGRO-A1356 Datasheet
451Kb / 20P
   High Precision Linear Hall-Effect Sensor
More results

Description similaire - A1356_16

FabricantNo de pièceFiches techniqueDescription
logo
Allegro MicroSystems
A1356 ALLEGRO-A1356 Datasheet
451Kb / 20P
   High Precision Linear Hall-Effect Sensor
A1357 ALLEGRO-A1357 Datasheet
423Kb / 20P
   Two-Wire High Precision Linear Hall-Effect Sensor IC
logo
Winson Semiconductor Co...
WSH138 WINSON-WSH138 Datasheet
256Kb / 5P
   Linear Hall Effect Sensor IC
logo
Micronas
HAL411 MICRONAS-HAL411 Datasheet
1Mb / 18P
   Linear Hall-Effect Sensor IC
logo
DIWELL Electronics Co.,...
WSH136 DIWELL-WSH136 Datasheet
432Kb / 5P
   Linear Hall Effect Sensor IC
2017/12/22
logo
Winson Semiconductor Co...
WSH137 WINSON-WSH137 Datasheet
293Kb / 5P
   Linear Hall Effect Sensor IC
WSH135 WINSON-WSH135_17 Datasheet
236Kb / 4P
   Linear Hall Effect Sensor IC
logo
List of Unclassifed Man...
WSH201 ETC2-WSH201 Datasheet
88Kb / 3P
   Linear Hall Effect Sensor IC
logo
Winson Semiconductor Co...
WSH201 WINSON-WSH201 Datasheet
119Kb / 3P
   Linear Hall Effect Sensor IC
logo
DIWELL Electronics Co.,...
WSH137 DIWELL-WSH137 Datasheet
450Kb / 5P
   Linear Hall Effect Sensor IC
2017/12/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com