Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A1356 Fiches technique(PDF) 8 Page - Allegro MicroSystems

No de pièce A1356
Description  High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1356 Fiches technique(HTML) 8 Page - Allegro MicroSystems

Back Button A1356_16 Datasheet HTML 4Page - Allegro MicroSystems A1356_16 Datasheet HTML 5Page - Allegro MicroSystems A1356_16 Datasheet HTML 6Page - Allegro MicroSystems A1356_16 Datasheet HTML 7Page - Allegro MicroSystems A1356_16 Datasheet HTML 8Page - Allegro MicroSystems A1356_16 Datasheet HTML 9Page - Allegro MicroSystems A1356_16 Datasheet HTML 10Page - Allegro MicroSystems A1356_16 Datasheet HTML 11Page - Allegro MicroSystems A1356_16 Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
High Precision Linear Hall-Effect Sensor IC
With an Open Drain Pulse Width Modulated Output
A1356
8
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Characteristic Definitions
Power-On Time
When the supply is ramped to its operating
voltage, the device requires a finite time to power its internal
components before supplying a valid PWM output duty-cycle.
Power-On Time, tPO, is defined as the time it takes for the output
voltage to settle within ±10% of its steady state value after the
power supply has reached its minimum specified operating volt-
age, VCC(min). (See figure 1.)
Propagation Delay
Traveling time of signal from input Hall
plate to output stage of device. (See figure 2.)
Response Time
The time interval between a) when the applied
magnetic field reaches 90% of its final value, and b) when the
sensor IC reaches 90% of its output corresponding to the applied
magnetic field. (See figure 2.)
PWM Rise Time
The time elapsed between 10% and 90% of
the rising signal value when output switches from low to high
states.
PWM Fall Time
The time elapsed between 90% and 10% of the
falling signal value when output switches from high to low states.
Quiescent Duty Cycle
In the quiescent state (no significant
magnetic field: B = 0 G), the output duty cycle, D(Q), equals a
specific programmed duty cycle throughout the entire operating
ranges of VCC and ambient temperature, TA.
Guaranteed Quiescent Duty Cycle Output Range
The
Quiescent Duty Cycle Output, D(Q), can be programmed around
its nominal value of 50% D, within the Guaranteed Quiescent
Duty Cycle Range limits: D(Q)(min) and D(Q)(max). The available
guaranteed programming range for D(Q) falls within the distribu-
tions of the minimum and the maximum programming code for
setting D(Q). (See figure 3.)
Average Quiescent Duty Cycle Output Step Size
The
average quiescent duty cycle output step size for a single device
is determined using the following calculation:
D(Q)(max) – D(Q)(min)
2n –1
StepD(Q) =
,
(1)
where:
n is the number of available programming bits in the trim range,
2n–1 is the value of programming steps in the range,
D(Q)(max) is the maximum reached quiescent duty cycle, and
D(Q)(min) is minimum reached quiescent duty cycle.
Figure 1. Definition of Power-On Time
Figure 2. Definitions of Propagation Delay and Response Time
Figure 3. Definition of Guaranteed Quiescent Voltage Output Range
Guaranteed D(Q)
Programming
Range
D(Q)(min)
D(Q)(max)
Max Code D(Q)
Distribution
Min Code D(Q)
Distribution
Initial D(Q)
Distribution
Propagation
Delay
0.5 ms
Output
Time
Applied Magnetic
Field, B
Response
Time
Time
V+
VCC(min)
tPO
First valid duty cycle
VCC
A1356
Output


Numéro de pièce similaire - A1356_16

FabricantNo de pièceFiches techniqueDescription
logo
EPCOS
A1356 EPCOS-A1356 Datasheet
364Kb / 5P
   AC Film Capacitors Lighting
logo
Allegro MicroSystems
A1356 ALLEGRO-A1356 Datasheet
451Kb / 20P
   High Precision Linear Hall-Effect Sensor
More results

Description similaire - A1356_16

FabricantNo de pièceFiches techniqueDescription
logo
Allegro MicroSystems
A1356 ALLEGRO-A1356 Datasheet
451Kb / 20P
   High Precision Linear Hall-Effect Sensor
A1357 ALLEGRO-A1357 Datasheet
423Kb / 20P
   Two-Wire High Precision Linear Hall-Effect Sensor IC
logo
Winson Semiconductor Co...
WSH138 WINSON-WSH138 Datasheet
256Kb / 5P
   Linear Hall Effect Sensor IC
logo
Micronas
HAL411 MICRONAS-HAL411 Datasheet
1Mb / 18P
   Linear Hall-Effect Sensor IC
logo
DIWELL Electronics Co.,...
WSH136 DIWELL-WSH136 Datasheet
432Kb / 5P
   Linear Hall Effect Sensor IC
2017/12/22
logo
Winson Semiconductor Co...
WSH137 WINSON-WSH137 Datasheet
293Kb / 5P
   Linear Hall Effect Sensor IC
WSH135 WINSON-WSH135_17 Datasheet
236Kb / 4P
   Linear Hall Effect Sensor IC
logo
List of Unclassifed Man...
WSH201 ETC2-WSH201 Datasheet
88Kb / 3P
   Linear Hall Effect Sensor IC
logo
Winson Semiconductor Co...
WSH201 WINSON-WSH201 Datasheet
119Kb / 3P
   Linear Hall Effect Sensor IC
logo
DIWELL Electronics Co.,...
WSH137 DIWELL-WSH137 Datasheet
450Kb / 5P
   Linear Hall Effect Sensor IC
2017/12/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com