Moteur de recherche de fiches techniques de composants électroniques |
|
SN74HC367DRG4 Fiches technique(PDF) 6 Page - Texas Instruments |
|
SN74HC367DRG4 Fiches technique(HTML) 6 Page - Texas Instruments |
6 / 18 page PACKAGE OPTION ADDENDUM www.ti.com 17-Dec-2015 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples 8500201EA ACTIVE CDIP J 16 1 TBD A42 N / A for Pkg Type -55 to 125 8500201EA SNJ54HC367J JM38510/65708BEA ACTIVE CDIP J 16 1 TBD A42 N / A for Pkg Type -55 to 125 JM38510/ 65708BEA M38510/65708BEA ACTIVE CDIP J 16 1 TBD A42 N / A for Pkg Type -55 to 125 JM38510/ 65708BEA SN54HC367J ACTIVE CDIP J 16 1 TBD A42 N / A for Pkg Type -55 to 125 SN54HC367J SN74HC367D ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 HC367 SN74HC367DG4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 HC367 SN74HC367DR ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 HC367 SN74HC367DRE4 ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 HC367 SN74HC367DRG4 ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 HC367 SN74HC367DT ACTIVE SOIC D 16 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 HC367 SN74HC367N ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type -40 to 85 SN74HC367N SN74HC367NSR ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 HC367 SN74HC367PW ACTIVE TSSOP PW 16 90 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 HC367 SN74HC367PWR ACTIVE TSSOP PW 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 HC367 SN74HC367PWT ACTIVE TSSOP PW 16 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 HC367 SNJ54HC367J ACTIVE CDIP J 16 1 TBD A42 N / A for Pkg Type -55 to 125 8500201EA SNJ54HC367J (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. |
Numéro de pièce similaire - SN74HC367DRG4 |
|
Description similaire - SN74HC367DRG4 |