Moteur de recherche de fiches techniques de composants électroniques |
|
SN74AS138NE4 Fiches technique(PDF) 9 Page - Texas Instruments |
|
SN74AS138NE4 Fiches technique(HTML) 9 Page - Texas Instruments |
9 / 20 page PACKAGE OPTION ADDENDUM www.ti.com 24-Aug-2014 Addendum-Page 2 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples SN74ALS138ANSR ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 ALS138A SN74AS138D ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 AS138 SN74AS138N ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74AS138N SN74AS138N3 OBSOLETE PDIP N 16 TBD Call TI Call TI 0 to 70 SN74AS138NE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74AS138N SN74AS138NSR ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 74AS138 SNJ54ALS138AFK ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 5962- 86866012A SNJ54ALS 138AFK SNJ54ALS138AJ ACTIVE CDIP J 16 1 TBD A42 N / A for Pkg Type -55 to 125 SNJ54ALS138AJ SNJ54ALS138AW ACTIVE CFP W 16 1 TBD A42 N / A for Pkg Type -55 to 125 5962-8686601FA SNJ54ALS138AW SNJ54AS138FK ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 SNJ54AS 138FK SNJ54AS138J ACTIVE CDIP J 16 1 TBD A42 N / A for Pkg Type -55 to 125 SNJ54AS138J (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. TBD: The Pb-Free/Green conversion plan has not been defined. Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes. Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above. |
Numéro de pièce similaire - SN74AS138NE4 |
|
Description similaire - SN74AS138NE4 |