Moteur de recherche de fiches techniques de composants électroniques |
|
SN74ALS374AN Fiches technique(PDF) 10 Page - Texas Instruments |
|
|
SN74ALS374AN Fiches technique(HTML) 10 Page - Texas Instruments |
10 / 23 page PACKAGE OPTION ADDENDUM www.ti.com 10-Aug-2016 Addendum-Page 2 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples SN74ALS374AN3 OBSOLETE PDIP N 20 TBD Call TI Call TI 0 to 70 SN74ALS374ANE4 ACTIVE PDIP N 20 20 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74ALS374AN SN74ALS374ANSR ACTIVE SO NS 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 ALS374A SN74AS374DW ACTIVE SOIC DW 20 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 AS374 SN74AS374N ACTIVE PDIP N 20 20 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74AS374N SN74AS374N3 OBSOLETE PDIP N 20 TBD Call TI Call TI 0 to 70 SN74AS374NSR ACTIVE SO NS 20 TBD Call TI Call TI 0 to 70 74AS374 SNJ54ALS374AFK ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 83020022A SNJ54ALS 374AFK SNJ54ALS374AJ ACTIVE CDIP J 20 1 TBD A42 N / A for Pkg Type -55 to 125 8302002RA SNJ54ALS374AJ SNJ54ALS374AW ACTIVE CFP W 20 1 TBD A42 N / A for Pkg Type -55 to 125 8302002SA SNJ54ALS374AW SNJ54AS374J ACTIVE CDIP J 20 1 TBD A42 N / A for Pkg Type -55 to 125 5962-9756201QR A SNJ54AS374J (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. TBD: The Pb-Free/Green conversion plan has not been defined. Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes. Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above. Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material) |
Numéro de pièce similaire - SN74ALS374AN |
|
Description similaire - SN74ALS374AN |