Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPD1E01B04DPYT Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPD1E01B04DPYT
Description  TPD1E01B04 1-Channel ESD Protection Diode for USB Type-C and Thunderbolt 3
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPD1E01B04DPYT Fiches technique(HTML) 1 Page - Texas Instruments

  TPD1E01B04DPYT Datasheet HTML 1Page - Texas Instruments TPD1E01B04DPYT Datasheet HTML 2Page - Texas Instruments TPD1E01B04DPYT Datasheet HTML 3Page - Texas Instruments TPD1E01B04DPYT Datasheet HTML 4Page - Texas Instruments TPD1E01B04DPYT Datasheet HTML 5Page - Texas Instruments TPD1E01B04DPYT Datasheet HTML 6Page - Texas Instruments TPD1E01B04DPYT Datasheet HTML 7Page - Texas Instruments TPD1E01B04DPYT Datasheet HTML 8Page - Texas Instruments TPD1E01B04DPYT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
USB Type-C
Connector
SSRX1P
SSRX1N
SSTX1P
SSTX1N
SSRX2N
SSRX2P
SSTX2N
SSTX2P
DMB
DPB
SBU1
CC2
SBU2
CC1
DPT
DMT
TPD4E05U06
TPD4E05U06
VBUS
VBUS
TPD1E01B04 (x4)
TPD1E01B04 (x4)
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPD1E01B04
SLVSDG3B – MARCH 2016 – REVISED MAY 2016
TPD1E01B04 1-Channel ESD Protection Diode for USB Type-C and Thunderbolt 3
1
1 Features
1
IEC 61000-4-2 Level 4 ESD Protection
±15-kV Contact Discharge
±17-kV Air Gap Discharge
IEC 61000-4-4 EFT Protection
80 A (5/50 ns)
IEC 61000-4-5 Surge Protection
2.5 A (8/20 µs)
IO Capacitance:
0.18 pF (Typical)
0.2 pF (Maximum)
DC Breakdown Voltage: 6.4 V (Typical)
Ultra Low Leakage Current: 10-nA (Maximum)
Low ESD Clamping Voltage: 15 V at 16 A TLP
Low Insertion Loss: 26.9 GHz (–3 dB Bandwidth)
Supports High Speed Interfaces up to 20 Gbps
Industrial Temperature Range: –40°C to +125°C
Ultra-small 0201 footprint
2 Applications
End Equipment
Laptops and Desktops
Mobile and Tablets
Set-Top Boxes
TV and Monitors
USB Dongles
Docking Stations
Interfaces
USB Type-C
Thunderbolt 3
USB 3.1 Gen 2
HDMI 2.0/1.4
USB 3.0
DisplayPort 1.3
PCI Express 3
3 Description
The TPD1E01B04 is a bidirectional TVS ESD
protection
diode
array
for
USB
Type-C
and
Thunderbolt 3 circuit protection. The TPD1E01B04 is
rated to dissipate ESD strikes at the maximum level
specified in the IEC 61000-4-2 international standard
(Level 4).
This
device
features
a
0.18-pF
(typical)
IO
capacitance making it ideal for protecting high-speed
interfaces up to 20 Gbps such as USB 3.1 Gen2 and
Thunderbolt 3. The low dynamic resistance and low
clamping voltage ensure system level protection
against transient events.
The TPD1E01B04 is offered in the industry standard
0201 (DPL) package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPD1E01B04
X2SON (2)
0.60 mm x 0.30 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application


Numéro de pièce similaire - TPD1E01B04DPYT

FabricantNo de pièceFiches techniqueDescription
logo
Shanghai Leiditech Elec...
TPD1E01B04DPYT LEIDITECH-TPD1E01B04DPYT Datasheet
339Kb / 4P
   1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 2.0 : 01.06.2021
More results

Description similaire - TPD1E01B04DPYT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD1E0B04 TI1-TPD1E0B04 Datasheet
889Kb / 22P
[Old version datasheet]   TPD1E0B04 1-Channel ESD Protection Diode for USB Type-C and Antenna Protection
TPD4E02B04-Q1 TI1-TPD4E02B04-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
TPD4E02B04 TI1-TPD4E02B04 Datasheet
2Mb / 21P
[Old version datasheet]   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
logo
TECH PUBLIC Electronics...
TPD4E02B04DQAR-TP TECHPUBLIC-TPD4E02B04DQAR-TP Datasheet
1Mb / 5P
   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
logo
Texas Instruments
ESD122 TI1-ESD122 Datasheet
1Mb / 28P
[Old version datasheet]   2-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
logo
TECH PUBLIC Electronics...
TPESD3636P TECHPUBLIC-TPESD3636P Datasheet
1Mb / 5P
   4=Channel ESD Protection Diode for USB Type=C and HDMI 2.0
logo
Texas Instruments
TPD1E01B04-Q1 TI-TPD1E01B04-Q1 Datasheet
1,016Kb / 20P
[Old version datasheet]   TPD1E01B04-Q1 Automotive 0.18-pF, 짹3.6-V, 짹15-kV ESD Protection Diode in 0402Package for USB-C & FPD-Link
logo
Tripp Lite. All Rights ...
U428-006 TRIPPLITE-U428-006 Datasheet
163Kb / 3P
   USB 3.1 Gen 1 (5 Gbps) Cable, USB Type-C (USB-C) to USB Type-A M/M, Thunderbolt 3, 6-ft.
logo
Texas Instruments
TPD1E04U04 TI1-TPD1E04U04 Datasheet
3Mb / 24P
[Old version datasheet]   TPD1E04U04 1-Channel ESD Protection Diode with Low RDYN for HDMI 2.0 and USB 3.0
logo
Tripp Lite. All Rights ...
U040-C03-C TRIPPLITE-U040-C03-C Datasheet
159Kb / 3P
   USB Type-C to USB Type-C Cable (M/M) - 2.0, 3A Rating, USB-IF Certified, Thunderbolt 3, 3 ft.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com