Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPD12S520DBTR Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPD12S520DBTR
Description  TPD12S520 Single-Chip HDMI Receiver Port Protection and Interface Device
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPD12S520DBTR Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPD12S520DBTR Datasheet HTML 4Page - Texas Instruments TPD12S520DBTR Datasheet HTML 5Page - Texas Instruments TPD12S520DBTR Datasheet HTML 6Page - Texas Instruments TPD12S520DBTR Datasheet HTML 7Page - Texas Instruments TPD12S520DBTR Datasheet HTML 8Page - Texas Instruments TPD12S520DBTR Datasheet HTML 9Page - Texas Instruments TPD12S520DBTR Datasheet HTML 10Page - Texas Instruments TPD12S520DBTR Datasheet HTML 11Page - Texas Instruments TPD12S520DBTR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
TPD12S520
SLVS640F – OCTOBER 2007 – REVISED FEBRUARY 2015
www.ti.com
7.3 Feature Description
7.3.1 ±8-kV Contact ESD Protection on External Lines
In many cases, the core ICs, such as the scalar chipset, may not have robust ESD cells to sustain system-level
ESD strikes. In these cases, the TPD12S520 provides the desired system-level ESD protection, such as the
IEC61000-4-2 (Level 4) ESD, by absorbing the energy associated with the ESD strike.
7.3.2 Single-Chip ESD Solution for HDMI Driver
TPD12S520 provides a complete ESD protection scheme for an HDMI 1.4 compliant port. The monolithic
integrated circuit technology ensures that there is excellent matching between the two-signal pair of the
differential line. This is a direct advantage over discrete ESD clamp solutions where variations between two
different ESD clamps may significantly degrade the differential signal quality. The 38-pin DBT package offers a
seamless layout routing option to eliminate the routing glitch for the differential signal pair.
7.3.3 Supports All HDMI 1.3 and HDMI 1.4b Data Rates
The high-speed TMDS pins of the TPD12S520 add only 0.8 pF of capacitance to the TMDS lines. Excellent intra-
pair capacitance matching of 0.05 pF provides ultra low intra-pair skew. Insertion loss -3 dB point > 3 GHz
provides enough bandwidth to pass all HDMI 1.4b TMDS data rates.
7.3.4 38-Pin TSSOP Provides Seamless Layout Option With HDMI Connector
The 38-pin DBT package offers seamless layout routing option to eliminate the routing glitch for the differential
signal pair. DBT package pitch (0.5 mm) matches with HDMI connector pitch. In addition, pin mapping follows the
same order as the HDMI connector pin mapping. This HDMI receiver port protection and interface device is
specifically designed for next-generation HDMI receiver protection.
7.3.5 24-Pin WQFNPackage for Space Constrained Applications
The 24-pin RMN package offers flow through routing using only two layers for highly integrated, space-efficient
full HDMI protection.
7.3.6 Integrated Level Shifting for the Control Lines
The low-speed control lines offer voltage-level shifting to eliminate the need for an external voltage level-shifter
IC. The control line ESD clamps add 3.5-pF capacitance to the control lines.
7.3.7 Backdrive Protection
Backdrive protection is offered on the connector side pins.
7.3.8 Lead-Free Package
Lead-Free Package for RoHS Compliance.
7.4 Device Functional Modes
TPD12S520 is active with the conditions in the Recommended Operating Conditions met. The bi-directional
voltage-level translators provide non-inverting level shifting from either 5V (for SDA , SCL, HPD), or 3.3 V (for
CEC) on the connector side to VLV on the system side. Each connector side pin has an ESD clamp that triggers
when voltages are above VBR or below the lower diode's Vf. During ESD events, voltages as high as ±8-kV
(contact ESD) can be directed to ground via the internal diode network. Once the voltages on the protected line
fall below these trigger levels (usually within 10's of nano-seconds), these pins revert to a non-conductive state.
8
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: TPD12S520


Numéro de pièce similaire - TPD12S520DBTR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD12S520DBTR TI-TPD12S520DBTR Datasheet
622Kb / 8P
[Old version datasheet]   SINGLE-CHIP HDMI RECEIVER PORT PROTECTION AND INTERFACE DEVICE
TPD12S520DBTR TI-TPD12S520DBTR Datasheet
628Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI RECEIVER PORT PROTECTION AND INTERFACE DEVICE
More results

Description similaire - TPD12S520DBTR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD12S520 TI-TPD12S520 Datasheet
622Kb / 8P
[Old version datasheet]   SINGLE-CHIP HDMI RECEIVER PORT PROTECTION AND INTERFACE DEVICE
TPD12S520 TI1-TPD12S520_14 Datasheet
1Mb / 17P
[Old version datasheet]   Single-Chip HDMI Receiver Port Protection and Interface Device
TPD12S520 TI-TPD12S520_09 Datasheet
628Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI RECEIVER PORT PROTECTION AND INTERFACE DEVICE
logo
California Micro Device...
CM2021 CALMIRCO-CM2021 Datasheet
268Kb / 8P
   HDMI Receiver Port Protection and Interface Device
logo
ON Semiconductor
CM2030 ONSEMI-CM2030 Datasheet
314Kb / 17P
   HDMI Receiver Port Protection and Interface Device
May 2010 ??Rev. 5
CM2031 ONSEMI-CM2031 Datasheet
275Kb / 18P
   HDMI Receiver Port Protection and Interface Device
May 2010 ??Rev. 5
logo
California Micro Device...
CM2031 CALMIRCO-CM2031 Datasheet
657Kb / 14P
   HDMI Receiver Port Protection and Interface Device
logo
ON Semiconductor
CM2021-02TR ONSEMI-CM2021-02TR Datasheet
409Kb / 12P
   HDMI Receiver Port Protection and Interface Device
May 2010 ??Rev. 3
logo
Texas Instruments
TPD12S521 TI-TPD12S521_09 Datasheet
679Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521 TI1-TPD12S521_16 Datasheet
1Mb / 19P
[Old version datasheet]   Single-Chip HDMI Transmitter Port Protection and Interface Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com