Moteur de recherche de fiches techniques de composants électroniques |
|
LM339ANSR Fiches technique(PDF) 6 Page - Texas Instruments |
|
|
LM339ANSR Fiches technique(HTML) 6 Page - Texas Instruments |
6 / 19 page LM139, LM139A, LM239, LM239A, LM339, LM339A, LM2901, LM2901V QUAD DIFFERENTIAL COMPARATORS SLCS006L − OCTOBER 1979 − REVISED JUNE 2004 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics at specified free-air temperature, VCC = 5 V (unless otherwise noted) PARAMETER TEST CONDITIONS† TA‡ LM239 LM339 LM239A LM339A UNIT PARAMETER TEST CONDITIONS† TA‡ MIN TYP MAX MIN TYP MAX UNIT VIO Input offset voltage VCC = 5 V to 30 V, VIC = VICR(min), 25 °C 2 5 1 3 mV VIO Input offset voltage VIC = VICR(min), VO = 1.4 V Full range 9 4 mV IIO Input offset current VO = 1.4 V 25 °C 5 50 5 50 nA IIO Input offset current VO = 1.4 V Full range 150 150 nA IIB Input bias current VO = 1.4 V 25 °C −25 −250 −25 −250 nA IIB Input bias current VO = 1.4 V Full range −400 −400 nA VICR Common-mode 25 °C 0 to VCC−1.5 0 to VCC−1.5 V VICR Common-mode input-voltage range Full range 0 to VCC−2 0 to VCC−2 V AVD Large-signal differential-voltage amplification VCC = 15 V, VO = 1.4 V to 11.4 V, RL ≥ 15 kΩ to VCC 25 °C 50 200 50 200 V/mV IOH High-level output VID = 1 V VOH = 5 V 25 °C 0.1 50 0.1 50 nA IOH High-level output current VID = 1 V VOH = 30 V Full range 1 1 µA VOL Low-level output VID = −1 V, IOL = 4 mA 25 °C 150 400 150 400 mV VOL Low-level output voltage VID = −1 V, IOL = 4 mA Full range 700 700 mV IOL Low-level output current VID = −1 V, VOL = 1.5 V 25 °C 6 16 6 16 mA ICC Supply current VO = 2.5 V, No load 25 °C 0.8 2 0.8 2 mA ICC Supply current (four comparators) VO = 2.5 V, No load 25 °C 0.8 2 0.8 2 mA † All characteristics are measured with zero common-mode input voltage, unless otherwise specified. ‡ Full range (MIN to MAX) for LM239 and LM239A is −25°C to 85°C, for LM339 and LM339A is 0°C to 70°C. All characteristics are measured with zero common-mode input voltage, unless otherwise specified. switching characteristics, VCC = 5 V, TA = 25°C PARAMETER TEST CONDITIONS LM239, LM239A, LM339, LM339A UNIT PARAMETER TEST CONDITIONS MIN TYP MAX UNIT Response time RL connected to 5 V through 5.1 kΩ, § 100-mV input step with 5-mV overdrive 1.3 µs Response time RL connected to 5 V through 5.1 kΩ, CL = 15 pF§, See Note 8 TTL-level input step 0.3 µs § CL includes probe and jig capacitance. NOTE 8: The response time specified is the interval between the input step function and the instant when the output crosses 1.4 V. |
Numéro de pièce similaire - LM339ANSR |
|
Description similaire - LM339ANSR |