Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA3107D2 Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce TPA3107D2
Description  15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3107D2 Fiches technique(HTML) 2 Page - Texas Instruments

  TPA3107D2_16 Datasheet HTML 1Page - Texas Instruments TPA3107D2_16 Datasheet HTML 2Page - Texas Instruments TPA3107D2_16 Datasheet HTML 3Page - Texas Instruments TPA3107D2_16 Datasheet HTML 4Page - Texas Instruments TPA3107D2_16 Datasheet HTML 5Page - Texas Instruments TPA3107D2_16 Datasheet HTML 6Page - Texas Instruments TPA3107D2_16 Datasheet HTML 7Page - Texas Instruments TPA3107D2_16 Datasheet HTML 8Page - Texas Instruments TPA3107D2_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
TYPICAL DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
TPA3107D2
SLOS509B – OCTOBER 2006 – REVISED JULY 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
over operating free-air temperature range (unless otherwise noted)
(1)
UNIT
VCC
Supply voltage
AVCC, PVCC
–0.3 V to 30 V
SHUTDOWN, MUTE
–0.3 V to VCC + 0.3 V
VI
Input voltage
GAIN0, GAIN1, RINN, RINP, LINN, LINP, MSTR/SLV, SYNC
–0.3 V to VREG + 0.5 V
Continuous total power dissipation
See Dissipation Rating
Table
TA
Operating free-air temperature range
–40
°C to 85°C
TJ
Operating junction temperature range(2)
–40
°C to 150°C
Tstg
Storage temperature range
–65
°C to 150°C
Human body model (3) (all pins)
±2 kV
Electrostatic
All pins except BS pins
±500 V
discharge
Charged-device model (4)
BS Pins – BSLP, BSLN, BSRP, and BSRN
±250 V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operations of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The TPA3107D2 incorporates an exposed thermal pad on the underside of the chip. This acts as a heatsink, and it must be connected
to a thermally dissipating plane for proper power dissipation. Failure to do so may result in the device going into thermal protection
shutdown. See TI Technical Briefs SCBA017D and SLUA271 for more information about using the QFN thermal pad. See TI Technical
Briefs SLMA002 for more information about using the HTQFP thermal pad.
(3)
In accordance with JEDEC Standard 22, Test Method A114-B.
(4)
In accordance with JEDEC Standard 22, Test Method C101-A
PACKAGE(1)
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
64-pin PAP (HTQFP)
5.43 W
43.5 mW/
°C(2)
3.47 W
2.82 W
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
(2)
This data was taken using a 2 oz trace and copper pad that is soldered directly to a 2-layer high-k PCB (EVM). These are typical values.
See TI Technical Briefs SLMA002 for more information about using the HTQFP thermal pad.
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VCC
Supply voltage
PVCC, AVCC
10
26
V
VIH
High-level input voltage
SHUTDOWN, MUTE, GAIN0, GAIN1, MSTR/SLV, SYNC
2
V
VIL
Low-level input voltage
SHUTDOWN, MUTE, GAIN0, GAIN1, MSTR/SLV, SYNC
0.8
V
SHUTDOWN, VI = VCC, VCC = 24 V
125
MUTE, VI = VCC, VCC = 24 V
75
IIH
High-level input current
µA
GAIN0, GAIN1, MSTR/SLV, SYNC, VI = VREG,
2
VCC = 24 V
SHUTDOWN, VI = 0, VCC = 24 V
2
IIL
Low-level input current
µA
SYNC, MUTE, GAIN0, GAIN1, MSTR/SLV, VI = 0 V,
1
VCC = 24 V
VOH
High-level output voltage
FAULT, IOH = 1 mA
VREG - 0.6
V
VOL
Low-level output voltage
FAULT, IOL = -1 mA
AGND + 0.4
V
fOSC
Oscillator frequency
ROSC Resistor = 100 kΩ
200
300
kHz
RL
Load Resistance
6
TA
Operating free-air temperature
–40
85
°C
2
Submit Documentation Feedback


Numéro de pièce similaire - TPA3107D2_16

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA3107D2PAP TI-TPA3107D2PAP Datasheet
805Kb / 36P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2PAPR TI-TPA3107D2PAPR Datasheet
751Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2PAPR TI-TPA3107D2PAPR Datasheet
805Kb / 36P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2PAPRG4 TI-TPA3107D2PAPRG4 Datasheet
751Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2PAPRG4 TI-TPA3107D2PAPRG4 Datasheet
805Kb / 36P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Description similaire - TPA3107D2_16

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2 Datasheet
875Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI1-TPA3122D2_14 Datasheet
492Kb / 22P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2_15 Datasheet
423Kb / 21P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI-TPA3124D2 Datasheet
874Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2 Datasheet
751Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2_15 Datasheet
1,013Kb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2_07 Datasheet
805Kb / 36P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2 Datasheet
416Kb / 20P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com