Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA0312 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPA0312
Description  2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPA0312 Fiches technique(HTML) 5 Page - Texas Instruments

  TPA0312 Datasheet HTML 1Page - Texas Instruments TPA0312 Datasheet HTML 2Page - Texas Instruments TPA0312 Datasheet HTML 3Page - Texas Instruments TPA0312 Datasheet HTML 4Page - Texas Instruments TPA0312 Datasheet HTML 5Page - Texas Instruments TPA0312 Datasheet HTML 6Page - Texas Instruments TPA0312 Datasheet HTML 7Page - Texas Instruments TPA0312 Datasheet HTML 8Page - Texas Instruments TPA0312 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
www.ti.com
OPERATING CHARACTERISTICS
TYPICAL CHARACTERISTICS
TPA0312
SLOS335A – DECEMBER 2000 – REVISED OCTOBER 2004
V
DD = 5 V, TA = 25°C, RL = 8 Ω , Gain = 6 dB, BTL mode
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THD + N= 10%
2.6
PO
Output power
RL = 3 Ω
W
THD + N = 1%,
2.05
THD + N
Total harmonic distortion plus noise
PO = 1 W,
f = 20 Hz to 15 kHz
0.65%
BOM
Maximum output power bandwidth
THD = 5%
>15
kHz
Supply ripple rejection ratio
f = 1 kHz, CB = 0.47 µF
BTL mode
72
dB
SNR
Signal-to-noise ratio
105
dB
BTL mode
20
CB = 0.47 µF, f = 20 Hz
Vn
Noise output voltage
µVRMS
to 20 kHz
SE mode
18
ZI
Input impedance
See Table 1
TABLE OF GRAPHS
FIGURE
1, 4-6, 9-11,
vs Output power
14-16, 18
THD+N
Total harmonic distortion plus noise
2, 3, 7, 8, 12,
vs Frequency
13, 17, 19
vs Output voltage
20
Vn
Output noise voltage
vs Bandwidth
21
Supply ripple rejection ratio
vs Frequency
22, 23
Crosstalk
vs Frequency
24, 25
Shutdown attenuation
vs Frequency
26
SNR
Signal-to-noise ratio
vs Frequency
27
Closed-loop response
28-30
PO
Output power
vs Load resistance
31, 32
vs Output power
33, 34
PD
Power dissipation
vs Ambient temperature
35
5


Numéro de pièce similaire - TPA0312

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA0312 TI-TPA0312 Datasheet
499Kb / 32P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0312PWP TI-TPA0312PWP Datasheet
499Kb / 32P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
More results

Description similaire - TPA0312

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA0312 TI-TPA0312 Datasheet
499Kb / 32P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0212 TI-TPA0212_07 Datasheet
809Kb / 35P
[Old version datasheet]   STEREO 2.6-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0212 TI-TPA0212_15 Datasheet
975Kb / 38P
[Old version datasheet]   STEREO 2.6-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0122 TI1-TPA0122_16 Datasheet
1,004Kb / 37P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Eutech Microelectronics...
EUA6412 EUTECH-EUA6412 Datasheet
676Kb / 18P
   2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA0112 TI1-TPA0112_16 Datasheet
647Kb / 36P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Eutech Microelectronics...
EUA6412A EUTECH-EUA6412A Datasheet
1Mb / 18P
   2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA0212 TI-TPA0212 Datasheet
475Kb / 33P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0222 TI-TPA0222 Datasheet
522Kb / 33P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
logo
Unisonic Technologies
PA3212 UTC-PA3212_09 Datasheet
485Kb / 9P
   2.6W STEREO AUDIO AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com