Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA0312PWPRG4 Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce TPA0312PWPRG4
Description  2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPA0312PWPRG4 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPA0312PWPRG4 Datasheet HTML 7Page - Texas Instruments TPA0312PWPRG4 Datasheet HTML 8Page - Texas Instruments TPA0312PWPRG4 Datasheet HTML 9Page - Texas Instruments TPA0312PWPRG4 Datasheet HTML 10Page - Texas Instruments TPA0312PWPRG4 Datasheet HTML 11Page - Texas Instruments TPA0312PWPRG4 Datasheet HTML 12Page - Texas Instruments TPA0312PWPRG4 Datasheet HTML 13Page - Texas Instruments TPA0312PWPRG4 Datasheet HTML 14Page - Texas Instruments TPA0312PWPRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
www.ti.com
60
0
10
100
1k
10k
VDD = 5 V
RL = 4Ω
100
90
70
80
50
40
30
20
10
AV = 21.6 dB
AV = 6 dB
AV = 15.6 dB
BW − Bandwidth − Hz
−120
−40
20
100
1k
10k 20k
f − Frequency − Hz
−60
−80
−100
RL = 8 Ω
CB = 0.47 µF,
AV = 6 dB
BTL
−20
0
−120
−40
20
100
1k
10k 20k
f − Frequency − Hz
−60
−80
−100
RL = 32 Ω
CB = 0.47 µF,
AV =4.1 dB
SE
−20
0
−120
−40
20
100
1k
10k 20k
f − Frequency − Hz
−60
−80
−100
PO = 1 W
RL = 8 Ω
Av = 6 dB
BTL
−20
0
LEFT TO RIGHT
RIGHT TO LEFT
TPA0312
SLOS335A – DECEMBER 2000 – REVISED OCTOBER 2004
OUTPUT NOISE VOLTAGE
SUPPLY RIPPLE REJECTION RATIO
vs
vs
BANDWIDTH
FREQUENCY
Figure 21.
Figure 22.
SUPPLY RIPPLE REJECTION RATIO
CROSSTALK
vs
vs
FREQUENCY
FREQUENCY
Figure 23.
Figure 24.
11


Numéro de pièce similaire - TPA0312PWPRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA0312PWP TI-TPA0312PWP Datasheet
499Kb / 32P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
More results

Description similaire - TPA0312PWPRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA0312 TI-TPA0312 Datasheet
499Kb / 32P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0212 TI-TPA0212_07 Datasheet
809Kb / 35P
[Old version datasheet]   STEREO 2.6-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0212 TI-TPA0212_15 Datasheet
975Kb / 38P
[Old version datasheet]   STEREO 2.6-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0122 TI1-TPA0122_16 Datasheet
1,004Kb / 37P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Eutech Microelectronics...
EUA6412 EUTECH-EUA6412 Datasheet
676Kb / 18P
   2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA0112 TI1-TPA0112_16 Datasheet
647Kb / 36P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Eutech Microelectronics...
EUA6412A EUTECH-EUA6412A Datasheet
1Mb / 18P
   2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA0212 TI-TPA0212 Datasheet
475Kb / 33P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0222 TI-TPA0222 Datasheet
522Kb / 33P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
logo
Unisonic Technologies
PA3212 UTC-PA3212_09 Datasheet
485Kb / 9P
   2.6W STEREO AUDIO AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com