Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA0242PWP Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce TPA0242PWP
Description  STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPA0242PWP Fiches technique(HTML) 4 Page - Texas Instruments

  TPA0242PWP Datasheet HTML 1Page - Texas Instruments TPA0242PWP Datasheet HTML 2Page - Texas Instruments TPA0242PWP Datasheet HTML 3Page - Texas Instruments TPA0242PWP Datasheet HTML 4Page - Texas Instruments TPA0242PWP Datasheet HTML 5Page - Texas Instruments TPA0242PWP Datasheet HTML 6Page - Texas Instruments TPA0242PWP Datasheet HTML 7Page - Texas Instruments TPA0242PWP Datasheet HTML 8Page - Texas Instruments TPA0242PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
www.ti.com
DISSIPATION RATING TABLE
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
OPERATING CHARACTERISTICS
TPA0242
SLOS287C – NOVEMBER 1999 – REVISED SEPTEMBER 2004
PACKAGE
TA≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PWP
2.7 W(1)
21.8 mW/
°C
1.7 W
1.4 W
(1)
Please see the Texas Instruments document, PowerPAD Thermally Enhanced Package Application
Report (literature number SLMA002), for more information on the PowerPAD package. The thermal
data was measured on a PCB layout based on the information in the section entitled Texas
Instruments Recommended Board for PowerPAD on page 33 of the before mentioned document.
MIN
MAX
UNIT
Supply voltage, VDD
4.5
5.5
V
SE/BTL, HP/LINE
0.8
×V
DD
High-level input voltage, VIH
V
SHUTDOWN
2
SE/BTL, HP/LINE
0.6
×V
DD
Low-level input voltage, VIL
V
SHUTDOWN
0.8
Operating free-air temperature, TA
-40
85
°C
at specified free-air temperature, V
DD = 5 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
|VOS|
Output offset voltage (measured differentially)
VI = 0, Av = 2 V/V
35
mV
Supply ripple rejection ratio
VDD = 4.9 V to 5.1 V
67
dB
High-level input current - SHUTDOWN,
|IIH|
VDD = 5.5 V, VI = VDD
900
nA
SE/BTL, HP/LINE, VOLUME
Low-level input current - SHUTDOWN,
|IIL|
VDD = 5.5 V, VI = 0 V
900
nA
SE/BTL, HP/LINE, VOLUME
BTL mode, SHUTDOWN = 2 V, SE/BTL,
20
25
HP/LINE = 0.6
× V
DD
IDD
Supply current
mA
SE mode, SHUTDOWN = 2 V, SE/BTL,
10
12.5
HP/LINE = 0.8
× V
DD
IDD(SD)
Supply current, shutdown mode
SHUTDOWN = 0 V, SE/BTL, HP/LINE = 0 V
150
300
µA
V
DD = 5 V, TA= 25°C, RL = 4Ω , Gain = 2 V/V, BTL mode (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THD = 10%
2.8
PO
Output power
RL = 3 Ω, f = 1 kHz
W
THD = 1%
2.2
THD+N
Total harmonic distortion plus noise
PO = 1 W, f = 20 Hz to 15 kHz
0.22%
BOM
Maximum output power bandwidth
THD = 5%
>15
kHz
BTL mode
–65
f = 1 kHz,
Supply ripple rejection ratio
dB
C(BYP) = 0.47 µF
SE mode
–60
BTL mode
34
C(BYP) = 0.47 µF,
Vn
Noise output voltage
µVRMS
f = 20 Hz to 20 kHz
SE mode
44
4


Numéro de pièce similaire - TPA0242PWP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA0242PWP TI-TPA0242PWP Datasheet
444Kb / 29P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
More results

Description similaire - TPA0242PWP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA0132 TI1-TPA0132_15 Datasheet
476Kb / 30P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI1-TPA0142_16 Datasheet
492Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0232 TI-TPA0232 Datasheet
449Kb / 30P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0242 TI-TPA0242 Datasheet
444Kb / 29P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0152 TI1-TPA0152_16 Datasheet
967Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0162 TI1-TPA0162_16 Datasheet
972Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252 Datasheet
493Kb / 29P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252_07 Datasheet
800Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI1-TPA0252_16 Datasheet
929Kb / 35P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com