Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA0172PWP Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPA0172PWP
Description  2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPA0172PWP Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPA0172PWP Datasheet HTML 3Page - Texas Instruments TPA0172PWP Datasheet HTML 4Page - Texas Instruments TPA0172PWP Datasheet HTML 5Page - Texas Instruments TPA0172PWP Datasheet HTML 6Page - Texas Instruments TPA0172PWP Datasheet HTML 7Page - Texas Instruments TPA0172PWP Datasheet HTML 8Page - Texas Instruments TPA0172PWP Datasheet HTML 9Page - Texas Instruments TPA0172PWP Datasheet HTML 10Page - Texas Instruments TPA0172PWP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
TPA0172
2W STEREO AUDIO POWER AMPLIFIER
WITH I2C BUS
SLOS327C − AUGUST 2000 − REVISED MAY 2001
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 5
0.001
10
0.01
0.1
1
20
20k
100
1k
10k
PO = 75 mW
RL = 32 Ω
AV = 14 to 0 dB
Mode = SE
f − Frequency − Hz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
FREQUENCY
Figure 6
10
0.01
0.1
1
1m
500m
10m
100m 200m
f = 20 kHz
f = 20 Hz
f = 1 kHz
RL = 32 Ω
AV = 14 to 0 dB
Mode = SE
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
OUTPUT POWER
PO − Output Power − W
Figure 7
10
100
1 k
10 k
0
20
40
60
80
VDD = 5 V,
RL = 8 Ω,
Mode = BTL,
Right Channel
f − Frequency − Hz
OUTPUT NOISE VOLTAGE
vs
FREQUENCY
AV = 20 dB
20 k
10
30
50
70
AV = 6 dB
Figure 8
−100
0
−90
−80
−70
−60
−50
−40
−30
−20
−10
20
20k
100
1k
10k
RL = 8 Ω
CB = 0.47 µF
Mode = BTL
SUPPLY RIPPLE REJECTION RATIO
vs
FREQUENCY
AV = 6 dB
f − Frequency − Hz
AV = 20 dB


Numéro de pièce similaire - TPA0172PWP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA0172PWP TI-TPA0172PWP Datasheet
474Kb / 31P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH I2C BUS
More results

Description similaire - TPA0172PWP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA005D02 TI-TPA005D02 Datasheet
381Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D14 TI-TPA005D14 Datasheet
420Kb / 29P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D02 TI1-TPA005D02_10 Datasheet
379Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D12 TI-TPA005D12 Datasheet
119Kb / 8P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D2 TI-TPA2000D2_07 Datasheet
608Kb / 20P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D2 TI-TPA2000D2 Datasheet
256Kb / 17P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D4 TI-TPA2000D4 Datasheet
412Kb / 24P
[Old version datasheet]   STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
TPA2000D4 TI-TPA2000D4_07 Datasheet
643Kb / 27P
[Old version datasheet]   STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
logo
Analog Devices
SSM2304 AD-SSM2304_15 Datasheet
935Kb / 20P
   2 W Filterless Class-D Stereo Audio Amplifier
SSM2306 AD-SSM2306 Datasheet
503Kb / 16P
   2 W, Filterless, Class-D Stereo Audio Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com