Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA0112PWP Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce TPA0112PWP
Description  2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPA0112PWP Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPA0112PWP Datasheet HTML 7Page - Texas Instruments TPA0112PWP Datasheet HTML 8Page - Texas Instruments TPA0112PWP Datasheet HTML 9Page - Texas Instruments TPA0112PWP Datasheet HTML 10Page - Texas Instruments TPA0112PWP Datasheet HTML 11Page - Texas Instruments TPA0112PWP Datasheet HTML 12Page - Texas Instruments TPA0112PWP Datasheet HTML 13Page - Texas Instruments TPA0112PWP Datasheet HTML 14Page - Texas Instruments TPA0112PWP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
www.ti.com
60
0
10
100
1k
10k
VDD = 5 V
RL = 4Ω
100
90
70
80
50
40
30
20
10
AV = 12 V/V
AV = 2 V/V
AV = 6 V/V
AV = 24 V/V
BW − Bandwidth − Hz
0.001%
10%
0.1
1
3
1%
0.1%
RL = 10 kΩ
AV = 1 V/V
SE
f = 20 Hz
0.01%
f = 15 kHz
f = 1 kHz
VO − Output Voltage − VRMS
−120
−40
20
100
1k
10k 20k
f − Frequency − Hz
−60
−80
−100
RL = 8 Ω
CB = 0.47 µF
BTL
−20
0
AV = 24 V/V
AV = 2 V/V
−120
−40
20
100
1k
10k 20k
f − Frequency − Hz
−60
−80
−100
RL = 32 Ω
CB = 0.47 µF
SE
−20
0
AV = 1 V/V
TPA0112
SLOS204C – MAY 1999 – REVISED SEPTEMBER 2004
TOTAL HARMONIC DISTORTION PLUS NOISE
OUTPUT NOISE VOLTAGE
vs
vs
OUTPUT VOLTAGE
BANDWIDTH
Figure 23.
Figure 24.
SUPPLY RIPPLE REJECTION RATIO
SUPPLY RIPPLE REJECTION RATIO
vs
vs
FREQUENCY
FREQUENCY
Figure 25.
Figure 26.
11


Numéro de pièce similaire - TPA0112PWP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA0112PWP TI-TPA0112PWP Datasheet
488Kb / 34P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
More results

Description similaire - TPA0112PWP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA0122 TI1-TPA0122_16 Datasheet
1,004Kb / 37P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Eutech Microelectronics...
EUA6412 EUTECH-EUA6412 Datasheet
676Kb / 18P
   2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
EUA6412A EUTECH-EUA6412A Datasheet
1Mb / 18P
   2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA0312 TI-TPA0312 Datasheet
499Kb / 32P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0212 TI-TPA0212_07 Datasheet
809Kb / 35P
[Old version datasheet]   STEREO 2.6-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0212 TI-TPA0212_15 Datasheet
975Kb / 38P
[Old version datasheet]   STEREO 2.6-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0312 TI1-TPA0312_16 Datasheet
894Kb / 37P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
logo
Eutech Microelectronics...
EUA5212 EUTECH-EUA5212 Datasheet
567Kb / 18P
   2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA6017A2 TI-TPA6017A2 Datasheet
350Kb / 26P
[Old version datasheet]   2 W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA6017A2 TI-TPA6017A2_07 Datasheet
735Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com