Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TP3401 Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce TP3401
Description  DASL Digital Adapter for Subscriber Loops
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TP3401 Fiches technique(HTML) 5 Page - Texas Instruments

  TP3401 Datasheet HTML 1Page - Texas Instruments TP3401 Datasheet HTML 2Page - Texas Instruments TP3401 Datasheet HTML 3Page - Texas Instruments TP3401 Datasheet HTML 4Page - Texas Instruments TP3401 Datasheet HTML 5Page - Texas Instruments TP3401 Datasheet HTML 6Page - Texas Instruments TP3401 Datasheet HTML 7Page - Texas Instruments TP3401 Datasheet HTML 8Page - Texas Instruments TP3401 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Functional Description (Continued)
BURST MODE OPERATION
For full-duplex operation over a single twisted-pair burst
mode timing is used with the line-card (exchange) end of
the link acting as the timing Master
Each burst from the Master consists of the B1 B2 and D
channel data from 2 consecutive frames combined in the
format shown in
Figure 5 During transmit bursts the Mas-
ter’s receiver input is inhibited to avoid disturbing the adap-
tive circuits The Slave’s receiver is enabled at this time and
it synchronizes to the start bit of the burst which is always
an unscrambled ‘1’ (of the opposite polarity to the last ‘1’
sent in the previous burst) When the Slave detects that 36
bits following the start bit have been received it disables the
receiver input waits 6 line symbol periods to match the oth-
er end settling guard time and then begins to transmit its
burst back towards the Master which by this time has en-
abled its receiver input The burst repetition rate is thus
4 kHz which can either free-run or be locked to a synchro-
nizing signal at the Master end by means of the MBS input
(TP3401 only) (See
Figure 10 ) In the latter case with all
Master-end transmitters in a system synchronized together
near-end crosstalk between pairs in the same cable binder
may be eliminated with a consequent increase in signal-to-
noise ratio (SNR)
ACTIVATION AND LOOP SYNCHRONIZATION
Activation (ie power-up and loop synchronization) is typi-
cally completed in 50 ms and may be initiated from either
end of the loop If the Master is activating the loop it sends
normal bursts of scrambled ‘1’s which are detected by the
Slave’s line-signal detect circuit causing it to set C0 e 1in
the Status Register and pull the INT pin low Pin 6 the LSD
pin also pulls low To proceed with Activation the device
must be powered up by writing to the Control Register with
C6 e 1 The Slave then replies with bursts of scrambled
‘1’s synchronized to received bursts and the flywheel circuit
at each end searches for 4 consecutive correctly formatted
receive bursts to acquire full loop synchronization Each re-
ceiver indicates when it is correctly in sync with received
bursts by setting the C1 bit in the Status Register high and
pulling INT low
To activate the loop from the Slave end bit C6 in the Con-
trol Register must be set high which will power-up the de-
vice and begin transmission of alternate bursts ie the burst
repetition rate is 2 kHz not 4 kHz At this point the Slave is
running from its local oscillator and is not receiving any sync
information from the Master When the Master’s line-signal
detect circuit recognizes this ‘‘wake-up’’ signal the Master
is activated and begins to transmit bursts synchronized as
normal to the MBS or FSa input with a 4 kHz repetition rate
This enables the Slave’s receiver to correctly identify burst
timing from the Master and to re-synchronize its own burst
transmissions to those it receives The flywheel circuits then
acquire full loop sync as described earlier
Loop synchronization is considered to be lost if the flywheel
finds 4 consecutive receive burst ‘‘windows’’ (ie where a
receive burst should have arrived based on timing from pre-
vious bursts) do not contain valid bursts At this point bit C1
in the Status Register is set low the INT output is set low
and the receiver searches to re-acquire loop sync
DIGITAL SYSTEM INTERFACE
The digital system interface on the DASL separates B and D
channel information onto different pins to provide maximum
flexibility On the B channel interface phase skew between
transmit and receive directions may be accommodated at
the Master end since separate frame sync inputs Fsa and
Fsb are provided Each of these synchronizes a counter
which gates the transfer of B1 and B2 channels in consecu-
tive time-slots across the digital interface since the coun-
ters are edge-synchronized the duration of the Fs input sig-
nals may vary from a single-bit pulse to a square-wave The
serial shift rate is determined by the BCLK input and may
be any frequency from 256 kHz to 2048 MHz as shown in
Figure 6
At the Slave end both Fsa and Fsb are outputs Fsa goes
high for 8 cycles of BCLK coincident with the 8 bits of the
B1 channel in both Transmit and Receive directions Fsb
goes high for the next 8 cycles of BCLK which are coinci-
dent with the 8 bits of the B2 channel in both Transmit and
Receive directions BCLK is also an output at 2048 MHz
the serial data shift rate as shown in
Figure 7 Data may be
exchanged between the B1 and B2 channels as it passes
through the device by setting Control bit C0 e 1 An addi-
tional Frame Sync output FSc is provided to enable a re-
generator to be built by connecting a DASL in Slave Mode
to a DASL in Master Mode The FSc output from the Slave
directly drives the FSa and FSb inputs on the Master
D channel information being packet-mode requires no syn-
chronizing input This interface consists of the transmit data
input Dx receive data output Dr and 16 kHz serial shift
clock DCLK which is an input at the Master end and an
output at the Slave end Data shifts into Dx on falling edges
of DCLK and out from Dr on rising edges as shown in Fig-
ure 11 DCLK should be Synchronous with BCLK
An alternative function of the DCLKDEN pin allows Dx and
Dr to be clocked at the same rate as BCLK at the Master
end only By setting bit C1 in the Control Register to a 1
DCLKDEN becomes an input for an enabling pulse to gate
2 cycles of BCLK for shifting the 2 D bits per frame Thus at
the Master end the D channel bits can be interfaced to a
TDM bus and assigned to a time-slot (the same time-slot for
both transmit and receive) as shown in
Figure 12
CONTROL INTERFACE
A serial interface which can be clocked independently from
the B and D channel system interfaces is provided for mi-
croprocessor control of various functions on the DASL de-
vice All data transfers consist of a single byte shifted into
the Control Register via CI simultaneous with a single byte
shifted out from the Status Register via CO see
Figure 13
Data shifts in to CI on rising edges of CCLK and out from
CO on falling edges when CS is pulled low for 8 cycles of
CCLK An Interrupt output INT goes low to alert the micro-
processor whenever a change in one of the status bits C1
andor C0 has occurred This latched output is cleared high
following the first CCLK pulse when CS is low No interrupt
is generated when status bit C2 (bipolar violation) goes high
however This bit is set whenever 1 or more violations of the
AMI coding rule is received and cleared everytime the CS is
pulsed Statistics on the line bit error rate can be accumulat-
ed by regularly polling this bit
When reading the CO pin data is always clocked into the
Control Register therefore the CI data word should repeat
the previous instruction if no change to the device mode is
intended
Figure 13 shows the timing for this interface and Table II
lists the control functions and status indicators
5


Numéro de pièce similaire - TP3401

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
TP3401 NSC-TP3401 Datasheet
249Kb / 16P
   DASL Digital Adapter for Subscriber Loops
More results

Description similaire - TP3401

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
TP3406 NSC-TP3406 Datasheet
234Kb / 16P
   DASL Digital Adapter for Subscriber Loops
TP3401 NSC-TP3401 Datasheet
249Kb / 16P
   DASL Digital Adapter for Subscriber Loops
TP3404 NSC-TP3404 Datasheet
212Kb / 14P
   Quad Digital Adapter for Subscriber Loops (QDASL)
logo
Texas Instruments
TP3404 TI1-TP3404_14 Datasheet
397Kb / 19P
[Old version datasheet]   TP3404 Quad Digital Adapter for Subscriber Loops (QDASL)
logo
List of Unclassifed Man...
CPF105C ETC1-CPF105C Datasheet
57Kb / 10P
   Asymmetric Digital Subscriber Line
logo
Advanced Micro Devices
AM79C30A AMD-AM79C30A Datasheet
1Mb / 101P
   Digital Subscriber Controller??(DSC?? Circuit
logo
Zarlink Semiconductor I...
MT9171 ZARLINK-MT9171_06 Datasheet
553Kb / 28P
   Digital Subscriber Interface Circuit Digital Network Interface Circuit
logo
Anaren Microwave
10012-30 ANAREN-10012-30 Datasheet
231Kb / 3P
   Leveling Loops
logo
Mitel Networks Corporat...
MT9173 MITEL-MT9173 Datasheet
411Kb / 22P
   Digital Subscriber Interface Circuit with RxSB
logo
Anaren Microwave
10012-6 ANAREN-10012-6 Datasheet
791Kb / 3P
   Leveling Loops
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com