Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TP3064 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce TP3064
Description  Enhanced Serial Interface CMOS CODEC/Filter COMBO
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TP3064 Fiches technique(HTML) 3 Page - Texas Instruments

  TP3064 Datasheet HTML 1Page - Texas Instruments TP3064 Datasheet HTML 2Page - Texas Instruments TP3064 Datasheet HTML 3Page - Texas Instruments TP3064 Datasheet HTML 4Page - Texas Instruments TP3064 Datasheet HTML 5Page - Texas Instruments TP3064 Datasheet HTML 6Page - Texas Instruments TP3064 Datasheet HTML 7Page - Texas Instruments TP3064 Datasheet HTML 8Page - Texas Instruments TP3064 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Connection Diagrams
Dual-In-Line Package
TLH5070 – 2
Top View
Plastic Chip Carrier
TLH5070 – 6
Top View
Order Number TP3064J or TP3067J
See NS Package J20A
Order Number TP3064WM or TP3067WM
See NS Package M20B
Order Number TP3064N or TP3067N
See NS Package N20A
Order Number TP3064V or TP3067V
See NS Package V20A
Pin Description
Symbol
Function
VPOa
The non-inverted output of the receive power
amplifier
GNDA
Analog ground All signals are referenced to
this pin
VPOb
The inverted output of the receive power
amplifier
VPI
Inverting input to the receive power amplifier
VFRO
Analog output of the receive filter
VCC
Positive power supply pin VCCea5Vg5%
FSR
Receive frame sync pulse which enables
BCLKR to shift PCM data into DR FSR is an
8 kHz pulse train See
Figures 2 and 3 for
timing details
DR
Receive data input PCM data is shifted into
DR following the FSR leading edge
BCLKR
The bit clock which shifts data into DR after
the FSR leading edge May vary from 64 kHz
CLKSEL
to 2048 MHz Alternatively may be a logic
input which selects either
1536 MHz1544 MHz or 2048 MHz for
master clock in synchronous mode and
BCLKX is used for both transmit and receive
directions (see Table I)
MCLKR
Receive master clock Must be 1536 MHz
1544 MHz or 2048 MHz May be
PDN
asynchronous with MCLKX but should be
synchronous with MCLKX for best
performance When MCLKR is connected
continuously low MCLKX is selected for all
internal timing When MCLKR is connected
continuously high the device is powered
down
Symbol
Function
MCLKX
Transmit master clock Must be 1536 MHz
1544 MHz or 2048 MHz May be
asynchronous with MCLKR Best
performance is realized from synchronous
operation
BCLKX
The bit clock which shifts out the PCM data
on DX May vary from 64 kHz to 2048 MHz
but must be synchronous with MCLKX
DX
The TRI-STATE PCM data output which is
enabled by FSX
FSX
Transmit frame sync pulse input which
enables BCLKX to shift out the PCM data on
DX FSX is an 8 kHz pulse train see Figures 2
and
3 for timing details
TSX
Open drain output which pulses low during
the encoder time slot
ANLB
Analog Loopback control input Must be set
to logic ‘0’ for normal operation When pulled
to logic ‘1’ the transmit filter input is
disconnected from the output of the transmit
preamplifier and connected to the VPOa
output of the receive power amplifier
GSX
Analog output of the transmit input amplifier
Used to externally set gain
VFXIb
Inverting input of the transmit input amplifier
VFXIa
Non-inverting input of the transmit input
amplifier
VBB
Negative power supply pin VBBeb5Vg5%
2


Numéro de pièce similaire - TP3064

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
TP3064 NSC-TP3064 Datasheet
276Kb / 18P
   Enhanced' Serial Interface CMOS CODEC/Filter COMBO
logo
Texas Instruments
TP3064A TI-TP3064A Datasheet
283Kb / 20P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064ADW TI-TP3064ADW Datasheet
283Kb / 20P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064AN TI-TP3064AN Datasheet
283Kb / 20P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064B TI-TP3064B Datasheet
300Kb / 21P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
More results

Description similaire - TP3064

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
TP3064 NSC-TP3064 Datasheet
276Kb / 18P
   Enhanced' Serial Interface CMOS CODEC/Filter COMBO
TP3069 NSC-TP3069 Datasheet
275Kb / 18P
   Enhanced' Serial Interface CMOS CODEC/Filter COMBO
logo
Texas Instruments
TP3057WMX TI1-TP3057WMX Datasheet
299Kb / 18P
[Old version datasheet]   Enhanced Serial Interface CODEC/Filter COMBO Family
logo
National Semiconductor ...
TP3054 NSC-TP3054 Datasheet
250Kb / 16P
   Enhanced Serial Interface CODEC/Filter COMBO Family
logo
Texas Instruments
TP3054 TI1-TP3054_11 Datasheet
323Kb / 18P
[Old version datasheet]   Enhanced Serial Interface CODEC/Filter COMBO Family
logo
STMicroelectronics
ETC5054 STMICROELECTRONICS-ETC5054 Datasheet
153Kb / 18P
   SERIAL INTERFACE CODEC/FILTER
logo
National Semiconductor ...
TP3054-X NSC-TP3054-X Datasheet
671Kb / 16P
   Extended Temperature Serial Interface CODEC/Filter COMBO Family
logo
Texas Instruments
TP3054-X TI1-TP3054-X_15 Datasheet
1Mb / 22P
[Old version datasheet]   Extended Temperature Serial Interface CODEC/Filter COMBO Family
logo
National Semiconductor ...
TP3051 NSC-TP3051 Datasheet
414Kb / 10P
   PARALLEL INTERFACE CODEC/FILTER COMBO
logo
STMicroelectronics
ETC5064 STMICROELECTRONICS-ETC5064_03 Datasheet
1Mb / 18P
   SERIAL INTERFACE CODEC/FILTER WITH RECEIVEPOWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com