Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES1BF Fiches technique(PDF) 2 Page - SUNMATE electronic Co., LTD

No de pièce ES1BF
Description  SURFACE MOUNT SUPER FAST RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUNMATE [SUNMATE electronic Co., LTD]
Site Internet  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

ES1BF Fiches technique(HTML) 2 Page - SUNMATE electronic Co., LTD

  ES1BF Datasheet HTML 1Page - SUNMATE electronic Co., LTD ES1BF Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
0.01
0.1
1.0
10
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
T = 25 C
Pulse width = 300 s
j
°
µ
10
20
30
0
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Peak Forward Surge Current
Pulse width
8.3 ms single half-sine-wave
(JEDEC method)
50V DC
Approx
50
NI (Non-inductive)
10
NI
1.0
NI
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
t
rr
Set time base for 5/10ns/cm
+0.5A
0A
-0.25A
-1.0A
Notes:
1. Rise Time = 7.0ns max. Input Impedance = 1.0M , 22pF.
2. Rise Time = 10ns max. Input Impedance = 50 .
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
1
10
100
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25 C
f = 1.0MHz
j
°
-
-
ES1JF
ES1AF ES1DF
ES1EF ES1GF
www.sunmate.tw


Numéro de pièce similaire - ES1BF

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
ES1BF PANJIT-ES1BF Datasheet
269Kb / 4P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Nanjing International G...
ES1BF DGNJDZ-ES1BF Datasheet
142Kb / 2P
   1.0AMPSUPERFASTRECTIFIERS
logo
AiT Semiconductor Inc.
ES1BF AITSEMI-ES1BF Datasheet
534Kb / 5P
   RECTIFIER DIODES REVERSE VOLTAGE 50V TO 600V FORWARD CURRENT 1A
REV1.0
logo
Microdiode Electronics ...
ES1BF CHENDA-ES1BF Datasheet
628Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Nantong Hornby Electron...
ES1BF HORNBY-ES1BF Datasheet
277Kb / 3P
   SURFACE MOUNT SUPERFAST RECOVERY RECTIFIER
More results

Description similaire - ES1BF

FabricantNo de pièceFiches techniqueDescription
logo
SUNMATE electronic Co.,...
UH1B SUNMATE-UH1B Datasheet
337Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER DIODES
ER1AA SUNMATE-ER1AA Datasheet
429Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER DIODES
ER2A SUNMATE-ER2A Datasheet
335Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER DIODES
ESH2B SUNMATE-ESH2B Datasheet
352Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER DIODES
ES2AA SUNMATE-ES2AA Datasheet
364Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER DIODES
MURS205 SUNMATE-MURS205 Datasheet
388Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER DIODES
ER2AF SUNMATE-ER2AF Datasheet
318Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER DIODES
SS2A SUNMATE-SS2A Datasheet
337Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER DIODES
SS3A SUNMATE-SS3A Datasheet
339Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER DIODES
ES2AL SUNMATE-ES2AL Datasheet
786Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER DIODES
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com