Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FCBN425QB1C50 Fiches technique(PDF) 1 Page - Finisar Corporation.

No de pièce FCBN425QB1C50
Description  100G Quadwire짰 QSFP28 Active Optical Cable
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FINISAR [Finisar Corporation.]
Site Internet  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FCBN425QB1C50 Fiches technique(HTML) 1 Page - Finisar Corporation.

  FCBN425QB1C50 Datasheet HTML 1Page - Finisar Corporation. FCBN425QB1C50 Datasheet HTML 2Page - Finisar Corporation. FCBN425QB1C50 Datasheet HTML 3Page - Finisar Corporation. FCBN425QB1C50 Datasheet HTML 4Page - Finisar Corporation. FCBN425QB1C50 Datasheet HTML 5Page - Finisar Corporation. FCBN425QB1C50 Datasheet HTML 6Page - Finisar Corporation. FCBN425QB1C50 Datasheet HTML 7Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
 Finisar Corporation January 2016
B3
Page 1
Product Specification
100G Quadwire
® QSFP28 Active Optical Cable
FCBN425QE1Cxx
PRODUCT FEATURES
 Four-channel full-duplex active
optical cable
 Multirate capability: 10 Gb/s to 25
Gb/s per channel
 QSFP28 high-density form factor
 Reliable VCSEL array technology
using multimode fiber
 Round OFNP-rated cable
 Hot Pluggable
 Low power dissipation: <3.5W per
cable end (<2.5W with CDRs off)
 Commercial operating case
temperature range: 0ºC to 70ºC
 RoHS-6 Compliant
Compliant to RoHS Directive 2011/65/EU
APPLICATIONS
 10/25/40/100G Ethernet
PRODUCT SELECTION (Standard Lengths*)
FCBN425QB1C01
1-meter cable
FCBN425QB1C03
3-meter cable
FCBN425QB1C05
5-meter cable
FCBN425QB1C10
10-meter cable
FCBN425QB1C15
15-meter cable
FCBN425QB1C20
20-meter cable
FCBN425QB1C30
30-meter cable
FCBN425QB1C50
50-meter cable
FCBN425QB1CX0
100-meter cable
*For availability of additional cable lengths or cable types, please contact Finisar.


Numéro de pièce similaire - FCBN425QB1C50

FabricantNo de pièceFiches techniqueDescription
logo
Finisar Corporation.
FCBN425QB1C50 FINISAR-FCBN425QB1C50 Datasheet
461Kb / 9P
   PRELIMINARY Product Specification 100G Quadwire QSFP28 Active Optical Cable
More results

Description similaire - FCBN425QB1C50

FabricantNo de pièceFiches techniqueDescription
logo
Finisar Corporation.
FCBN425QE1C01 FINISAR-FCBN425QE1C01 Datasheet
475Kb / 7P
   100G Quadwire짰 QSFP28 Active Optical Cable
FCBN425QB1CXX FINISAR-FCBN425QB1CXX Datasheet
474Kb / 7P
   100G Quadwire짰 EDR QSFP28 Active Optical Cable
logo
TE Connectivity Ltd
2368650 TEC-2368650 Datasheet
279Kb / 4P
   100G QSFP28 Active Optical Cable
23 AUGUST 2022 Rev B
logo
ATGBICS by Approved Tec...
AOC-QSFP28-100G-15M-C ATGBICS-AOC-QSFP28-100G-15M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-15M Dell Compatible Active Optical Cable 100G QSFP28 (15m)
AOC-QSFP28-100G-20M-C ATGBICS-AOC-QSFP28-100G-20M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-20M Dell Compatible Active Optical Cable 100G QSFP28 (20m)
AOC-QSFP28-100G-10M-C ATGBICS-AOC-QSFP28-100G-10M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-10M Dell Compatible Active Optical Cable 100G QSFP28 (10m)
AOC-QSFP28-100G-1M-C ATGBICS-AOC-QSFP28-100G-1M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-1M Dell Compatible Active Optical Cable 100G QSFP28 (1m)
AOC-QSFP28-100G-3M-C ATGBICS-AOC-QSFP28-100G-3M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-3M Dell Compatible Active Optical Cable 100G QSFP28 (3m)
AOC-QSFP28-100G-5M-C ATGBICS-AOC-QSFP28-100G-5M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-5M Dell Compatible Active Optical Cable 100G QSFP28 (5m)
AOC-QSFP28-100G-2M-C ATGBICS-AOC-QSFP28-100G-2M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-2M Dell Compatible Active Optical Cable 100G QSFP28 (2m)
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com