Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FCBG110SD1C07 Fiches technique(PDF) 4 Page - Finisar Corporation.

No de pièce FCBG110SD1C07
Description  RoHS-6 Compliant 10Gb/s SFPwire SFP Active Optical Cable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FINISAR [Finisar Corporation.]
Site Internet  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FCBG110SD1C07 Fiches technique(HTML) 4 Page - Finisar Corporation.

  FCBG110SD1C07 Datasheet HTML 1Page - Finisar Corporation. FCBG110SD1C07 Datasheet HTML 2Page - Finisar Corporation. FCBG110SD1C07 Datasheet HTML 3Page - Finisar Corporation. FCBG110SD1C07 Datasheet HTML 4Page - Finisar Corporation. FCBG110SD1C07 Datasheet HTML 5Page - Finisar Corporation. FCBG110SD1C07 Datasheet HTML 6Page - Finisar Corporation. FCBG110SD1C07 Datasheet HTML 7Page - Finisar Corporation. FCBG110SD1C07 Datasheet HTML 8Page - Finisar Corporation. FCBG110SD1C07 Datasheet HTML 9Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
FCBG110SD1Cxx Product Specification
IV. General Specifications
Parameter
Symbol
Min
Typ
Max
Units
Ref.
Bit Rate
BR
10.3
Gb/s
Bit Error Ratio
BER
10
-15
1
Notes:
1.
Tested with a 2
31 – 1 PRBS
V.
Environmental Specifications
The FCBG110SD1Cxx SFPwire has a commercial operating temperature range from 0°C
to 70°C case temperature.
Parameter
Symbol
Min
Typ
Max
Units
Ref.
Case Operating Temperature
Top
0
70
°C
Storage Temperature
Tsto
-40
85
°C
1
Notes:
1.
Assumes no mechanical load force on the unit. Ensuring no mechanical load force requires a cable
bend radius of >105 mm within 100 mm of either cable and SFP+ end and >60 mm on the rest of the
cable. Otherwise, the storage temperature range is -20 to 75°C.
VI.
Regulatory Compliance
The FCBG110SD1Cxx SFPwire, which contains laser devices, is a Class 1 laser product
and complies with 21CFR 1040.10 and 1040.11 except for deviations pursuant to Laser
Notice No. 50, dated June 24, 2007, and it complies with EN(IEC) 60825 Edition 1.2
regulations. The FCBG110SD1Cxx is also RoHS Compliant.
Copies of certificates are available at Finisar Corporation upon request.
 Finisar Corporation - July 2015
Rev. C1
Page 4


Numéro de pièce similaire - FCBG110SD1C07

FabricantNo de pièceFiches techniqueDescription
logo
ATGBICS by Approved Tec...
FCBG110SD1C07-C ATGBICS-FCBG110SD1C07-C Datasheet
151Kb / 3P
   FCBG110SD1C07 Finisar Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (7m, Passive)
More results

Description similaire - FCBG110SD1C07

FabricantNo de pièceFiches techniqueDescription
logo
Finisar Corporation.
FTLX1412M3BCL FINISAR-FTLX1412M3BCL Datasheet
256Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km XFP Optical Transceiver
FTLX1412D3BCL FINISAR-FTLX1412D3BCL Datasheet
254Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km Datacom XFP Optical Transceiver
FTLX8571D3BCL FINISAR-FTLX8571D3BCL Datasheet
682Kb / 12P
   RoHS-6 Compliant 10Gb/s 850nm Multimode Datacom SFP Transceiver
FTLX8511D3 FINISAR-FTLX8511D3 Datasheet
311Kb / 11P
   RoHS-6 Compliant 10Gb/s 850nm Multimode Datacom XFP Optical Transceiver
FTRX1811M3 FINISAR-FTRX1811M3 Datasheet
184Kb / 11P
   RoHS-6 Compliant 10Gb/s 80km Multi-Rate XFP Optical Transceiver
FTLX1412M3BNL FINISAR-FTLX1412M3BNL Datasheet
179Kb / 11P
   RoHS-6 Compliant Extended Temperature 10Gb/s 10km XFP Optical Transceiver
FTLX1413M3BTL FINISAR-FTLX1413M3BTL Datasheet
484Kb / 11P
   RoHS-6 Compliant Industrial Temperature 10Gb/s 10km XFP Optical Transceiver
FTLX1412M3BTL FINISAR-FTLX1412M3BTL Datasheet
239Kb / 11P
   RoHS-6 Compliant Industrial Temperature 10Gb/s 10km XFP Optical Transceiver
FTLX3812S317 FINISAR-FTLX3812S317 Datasheet
298Kb / 12P
   RoHS-6 Compliant SONET/SDH 10Gb/s DWDM XFP Optical Transceiver
FTLX1412D3BTL FINISAR-FTLX1412D3BTL Datasheet
269Kb / 11P
   RoHS-6 Compliant Industrial Temperature 10Gb/s 10km XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com