Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FCBN410QB1CXX Fiches technique(PDF) 5 Page - Finisar Corporation.

No de pièce FCBN410QB1CXX
Description  Quadwire짰 40 Gb/s Parallel Active Optical Cable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FINISAR [Finisar Corporation.]
Site Internet  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FCBN410QB1CXX Fiches technique(HTML) 5 Page - Finisar Corporation.

  FCBN410QB1CXX Datasheet HTML 1Page - Finisar Corporation. FCBN410QB1CXX Datasheet HTML 2Page - Finisar Corporation. FCBN410QB1CXX Datasheet HTML 3Page - Finisar Corporation. FCBN410QB1CXX Datasheet HTML 4Page - Finisar Corporation. FCBN410QB1CXX Datasheet HTML 5Page - Finisar Corporation. FCBN410QB1CXX Datasheet HTML 6Page - Finisar Corporation. FCBN410QB1CXX Datasheet HTML 7Page - Finisar Corporation. FCBN410QB1CXX Datasheet HTML 8Page - Finisar Corporation. FCBN410QB1CXX Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
FCBG410QB1Cxx Product Specification – December 2013
F i n i s a r
 Finisar Corporation – 11-Dec-13 Rev B7
Page 5
V.
High-Speed Electrical Characteristics per Lane
(TOP = 0 to 70C, VCC = 3.3 ± 5% Volts)
Parameter –Inputs
Symbol
Conditions
Min
Typ
Max
Units
Ref.
Reference Differential Input
Impedance
Zd
100
Ω
Termination Mismatch
ΔZ
M
5
%
1
Input AC Common Mode Voltage
25
mV
(RMS)
Differential Input Return Loss
SDD11
0.01-4.1 GHz
dB
2
4.1 – 11.1 GHz
dB
3
Differential to Common Mode
Loss
SCD11
0.01-11.1 GHz
-10
dB
Jitter Tolerance (Total)
TJ
0.40
UI
Jitter Tolerance (Deterministic)
DJ
0.15
UI
Notes:
1.
See SFF-8431 Rev 3.2 (SFP+) section D.15 Termination Mismatch for definition & test recommendations
2.
Reflection coefficient given by equation SDD11(dB)< -12+2*SQRT(f), with f in GHz. See Figure 4.
3.
Reflection coefficient given by equation SDD11(dB)< -6.3+13Log10(f/5.5), with f in GHz. See Figure 4.
-500
-400
-300
-200
-100
0
100
200
300
400
500
0
0.2
0.4
0.6
0.8
1
UI
Figure 2 – Transmitter Input Differential Signal Mask


Numéro de pièce similaire - FCBN410QB1CXX

FabricantNo de pièceFiches techniqueDescription
logo
Finisar Corporation.
FCBN425QB1C01 FINISAR-FCBN425QB1C01 Datasheet
461Kb / 9P
   PRELIMINARY Product Specification 100G Quadwire QSFP28 Active Optical Cable
FCBN425QB1C01 FINISAR-FCBN425QB1C01 Datasheet
473Kb / 7P
   100G Quadwire짰 QSFP28 Active Optical Cable
FCBN425QB1C03 FINISAR-FCBN425QB1C03 Datasheet
461Kb / 9P
   PRELIMINARY Product Specification 100G Quadwire QSFP28 Active Optical Cable
FCBN425QB1C03 FINISAR-FCBN425QB1C03 Datasheet
473Kb / 7P
   100G Quadwire짰 QSFP28 Active Optical Cable
FCBN425QB1C05 FINISAR-FCBN425QB1C05 Datasheet
461Kb / 9P
   PRELIMINARY Product Specification 100G Quadwire QSFP28 Active Optical Cable
More results

Description similaire - FCBN410QB1CXX

FabricantNo de pièceFiches techniqueDescription
logo
Finisar Corporation.
FCBG410QB1CXX FINISAR-FCBG410QB1CXX Datasheet
505Kb / 10P
   Quadwire짰 40 Gb/s Parallel Active Optical Cable
FCBN510QE2CXX FINISAR-FCBN510QE2CXX Datasheet
840Kb / 12P
   Quadwire짰 40 Gb/s Parallel Breakout Active Optical Cable
FCBGD10CD1C03 FINISAR-FCBGD10CD1C03 Datasheet
382Kb / 13P
   C.wire 120 Gb/s Parallel Active Optical Cable
FCBN425QE1C01 FINISAR-FCBN425QE1C01 Datasheet
475Kb / 7P
   100G Quadwire짰 QSFP28 Active Optical Cable
FCBN425QE1CXX FINISAR-FCBN425QE1CXX Datasheet
473Kb / 7P
   100G Quadwire짰 QSFP28 Active Optical Cable
FCBN425QB1CXX FINISAR-FCBN425QB1CXX Datasheet
474Kb / 7P
   100G Quadwire짰 EDR QSFP28 Active Optical Cable
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-7QER01Z AVAGO-AFBR-7QER01Z Datasheet
658Kb / 15P
   40 Gigabit Ethernet & InfiniBand QDR Parallel Active Optical Cable
logo
FCI connector
ICD120GVP2420-05 FCI-CONNECTOR-ICD120GVP2420-05 Datasheet
119Kb / 2P
   12 Channel Parallel Active Optical Cable
logo
Finisar Corporation.
FCBX414QB1CXX FINISAR-FCBX414QB1CXX Datasheet
784Kb / 2P
   56G FDR parallel active optical cable
logo
TriQuint Semiconductor
TGA4943-SL TRIQUINT-TGA4943-SL_15 Datasheet
1Mb / 15P
   40 & 100 Gb/s 8Vpp Optical Modulator Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com