Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM80-01-4 Fiches technique(PDF) 7 Page - Finisar Corporation.

No de pièce DM80-01-4
Description  10Gb/s 120km Telecom CML 13pin-GPO Butterfly Transmitter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FINISAR [Finisar Corporation.]
Site Internet  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

DM80-01-4 Fiches technique(HTML) 7 Page - Finisar Corporation.

Back Button DM80-01-4 Datasheet HTML 2Page - Finisar Corporation. DM80-01-4 Datasheet HTML 3Page - Finisar Corporation. DM80-01-4 Datasheet HTML 4Page - Finisar Corporation. DM80-01-4 Datasheet HTML 5Page - Finisar Corporation. DM80-01-4 Datasheet HTML 6Page - Finisar Corporation. DM80-01-4 Datasheet HTML 7Page - Finisar Corporation. DM80-01-4 Datasheet HTML 8Page - Finisar Corporation. DM80-01-4 Datasheet HTML 9Page - Finisar Corporation. DM80-01-4 Datasheet HTML 10Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DM80-01-3/4 CML
TM Butterfly Transmitter Product Specification – May 2007
F i n i s a r
©
Finisar Corporation –24-May-07
Rev_A
Page 7
VII. Wavelength Coverage
Table 4: DWDM Product Identification C-Band 100 GHz
Channel
ID
Frequency
(GHz)
Wavelength
(nm)
Channel
ID
Frequency
(GHz)
Wavelength
(nm)
9170
191700
1563.863
9400
194000
1545.322
9180
191800
1563.047
9410
194100
1544.526
9190
191900
1562.233
9420
194200
1543.73
9200
192000
1561.419
9430
194300
1542.936
9210
192100
1560.606
9440
194400
1542.142
9220
192200
1559.794
9450
194500
1541.349
9230
192300
1558.983
9460
194600
1540.557
9240
192400
1558.173
9470
194700
1539.766
9250
192500
1557.363
9480
194800
1538.976
9260
192600
1556.555
9490
194900
1538.186
9270
192700
1555.747
9500
195000
1537.397
9280
192800
1554.94
9510
195100
1536.609
9290
192900
1554.134
9520
195200
1535.822
9300
193000
1553.329
9530
195300
1535.036
9310
193100
1552.524
9540
195400
1534.25
9320
193200
1551.721
9550
195500
1533.465
9330
193300
1550.918
9560
195600
1532.681
9340
193400
1550.116
9570
195700
1531.898
9350
193500
1549.315
9580
195800
1531.116
9360
193600
1548.515
9590
195900
1530.334
9370
193700
1547.715
9600
196000
1529.553
9380
193800
1546.917
9610
196100
1528.773
9390
193900
1546.119


Numéro de pièce similaire - DM80-01-4

FabricantNo de pièceFiches techniqueDescription
logo
Finisar Corporation.
DM80-01-0 FINISAR-DM80-01-0 Datasheet
263Kb / 10P
   10Gb/s 120km Telecom CMLTM 13pin-GPO Butterfly Transmitter
DM80-01-1 FINISAR-DM80-01-1 Datasheet
263Kb / 10P
   10Gb/s 120km Telecom CMLTM 13pin-GPO Butterfly Transmitter
DM80-01-2 FINISAR-DM80-01-2 Datasheet
263Kb / 10P
   10Gb/s 120km Telecom CMLTM 13pin-GPO Butterfly Transmitter
More results

Description similaire - DM80-01-4

FabricantNo de pièceFiches techniqueDescription
logo
Finisar Corporation.
DM80-01-0 FINISAR-DM80-01-0 Datasheet
263Kb / 10P
   10Gb/s 120km Telecom CMLTM 13pin-GPO Butterfly Transmitter
DM200-01-4-9470-0-LC FINISAR-DM200-01-4-9470-0-LC Datasheet
263Kb / 10P
   10Gb/s 200km Telecom CML 13pin-GPO Butterfly Transmitter
DM200-01-3 FINISAR-DM200-01-3 Datasheet
264Kb / 10P
   10Gb/s 200km Telecom CMLTM 13pin-GPO Butterfly Transmitter
DM200-01-0 FINISAR-DM200-01-0 Datasheet
262Kb / 10P
   10Gb/s 200km Telecom CMLTM 13pin-GPO Butterfly Transmitter
DM80-02-0 FINISAR-DM80-02-0 Datasheet
231Kb / 10P
   10Gb/s 120km Telecom CMLTM Transmitter Optical Sub-Assembly (TOSA)
DM200-02-0 FINISAR-DM200-02-0 Datasheet
231Kb / 10P
   10Gb/s 200km Telecom CMLTM Transmitter Optical Sub-Assembly (TOSA)
logo
Bookham, Inc.
EML10ZCA BOOKHAM-EML10ZCA Datasheet
365Kb / 8P
   10Gb/s EA Modulator and DFB Laser with GPO RF Connector
EML10WCB BOOKHAM-EML10WCB Datasheet
521Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
EML10WCA BOOKHAM-EML10WCA Datasheet
398Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
MT10EW BOOKHAM-MT10EW Datasheet
547Kb / 10P
   24 PIN 10Gb/s Long Reach DWDM Serial Transmitter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com