Moteur de recherche de fiches techniques de composants électroniques |
|
SN74AS30N Fiches technique(PDF) 7 Page - Texas Instruments |
|
|
SN74AS30N Fiches technique(HTML) 7 Page - Texas Instruments |
7 / 19 page PACKAGE OPTION ADDENDUM www.ti.com 17-Dec-2015 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples 5962-86837012A ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 5962- 86837012A SNJ54ALS 30AFK 5962-8683701DA ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 5962-8683701DA SNJ54ALS30AW 5962-9755801QCA ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 5962-9755801QC A SNJ54AS30J JM38510/37004B2A ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 JM38510/ 37004B2A JM38510/37004BCA ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 JM38510/ 37004BCA M38510/37004B2A ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 JM38510/ 37004B2A M38510/37004BCA ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 JM38510/ 37004BCA SN54ALS30AJ ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 SN54ALS30AJ SN74ALS30AD NRND SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 ALS30A SN74ALS30ADR NRND SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 ALS30A SN74ALS30ADRE4 NRND SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 ALS30A SN74ALS30AN NRND PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74ALS30AN SN74ALS30AN3 OBSOLETE PDIP N 14 TBD Call TI Call TI 0 to 70 SN74ALS30ANSR NRND SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 ALS30A SN74AS30D NRND SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 AS30 SN74AS30DR NRND SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 AS30 |
Numéro de pièce similaire - SN74AS30N |
|
Description similaire - SN74AS30N |