Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD6634PCB Fiches technique(PDF) 9 Page - Analog Devices

No de pièce AD6634PCB
Description  80 MSPS, Dual-Channel WCDMA Receive Signal Processor (RSP)
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD6634PCB Fiches technique(HTML) 9 Page - Analog Devices

Back Button AD6634PCB Datasheet HTML 5Page - Analog Devices AD6634PCB Datasheet HTML 6Page - Analog Devices AD6634PCB Datasheet HTML 7Page - Analog Devices AD6634PCB Datasheet HTML 8Page - Analog Devices AD6634PCB Datasheet HTML 9Page - Analog Devices AD6634PCB Datasheet HTML 10Page - Analog Devices AD6634PCB Datasheet HTML 11Page - Analog Devices AD6634PCB Datasheet HTML 12Page - Analog Devices AD6634PCB Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
REV. 0
AD6634
–9–
MICROPROCESSOR PORT TIMING CHARACTERISTICS1, 2
Test
AD6634BBC
Parameter (Conditions)
Temp
Level
Min
Typ
Max
Unit
MICROPROCESSOR PORT, MODE INM (MODE = 0)
MODE INM WRITE TIMING
tSC
Control
3 to
↑CLK Setup Time
Full
IV
2.0
ns
tHC
Control
3 to
↑CLK Hold Time
Full
IV
2.5
ns
tHWR
WR(RW) to RDY(DTACK) Hold Time
Full
IV
7.0
ns
tSAM
Address/Data to
WR(RW) Setup Time
Full
IV
3.0
ns
tHAM
Address/Data to RDY(
DTACK) Hold Time
Full
IV
5.0
ns
tDRDY
WR(RW) to RDY(DTACK) Delay
Full
IV
8.0
ns
tACC
WR(RW) to RDY(DTACK) High Delay
Full
IV
4
× t
CLK
5
× t
CLK
9
× t
CLK
ns
MODE INM READ TIMING
tSC
Control
3 to
↑CLK Setup Time
Full
IV
5.0
ns
tHC
Control
3 to
↑CLK Hold Time
Full
IV
2.0
ns
tSAM
Address to
RD(DS) Setup Time
Full
IV
0.0
ns
tHAM
Address to Data Hold Time
Full
IV
5.0
ns
tDRDY
RD(DS) to RDY(DTACK) Delay
Full
IV
8.0
ns
tACC
RD(DS) to RDY(DTACK) High Delay
Full
IV
8
× tCLK
10
× tCLK
13
× tCLK
ns
MICROPROCESSOR PORT, MODE MNM (MODE = 1)
MODE MNM WRITE TIMING
tSC
Control
3 to
↑CLK Setup Time
Full
IV
2.0
ns
tHC
Control
3 to
↑CLK Hold Time
Full
IV
2.5
ns
tHDS
DS(RD) to DTACK(RDY) Hold Time
Full
IV
8.0
ns
tHRW
RW(
WR) to DTACK(RDY) Hold Time
Full
IV
7.0
ns
tSAM
Address/Data to RW(
WR) Setup Time
Full
IV
3.0
ns
tHAM
Address/Data to RW(
WR) Hold Time
Full
IV
5.0
ns
tDDTACK
DS(RD) to DTACK(RDY) Delay
Full
IV
8.0
ns
tACC
RW(
WR) to DTACK(RDY) Low Delay
Full
IV
4
× tCLK
5
× tCLK
9
× tCLK
ns
MODE MNM READ TIMING
tSC
Control
3 to
↑CLK Setup Time
Full
IV
5.0
ns
tHC
Control
3 to
↑CLK Hold Time
Full
IV
2.0
ns
tHDS
DS(RD) to DTACK(RDY) Hold Time
Full
IV
8.0
ns
tSAM
Address to
DS(RD) Setup Time
Full
IV
0.0
ns
tHAM
Address to Data Hold Time
Full
IV
5.0
ns
tDDTACK
DS(RD) to DTACK(RDY) Delay
Full
IV
8.0
ns
tACC
DS(RD) to DTACK(RDY) Low Delay
Full
IV
8
× t
CLK
10
× t
CLK
13
× t
CLK
ns
NOTES
1All Timing Specifications valid over VDD range of 2.25 V to 2.75 V and VDDIO range of 3.0 V to 3.6 V.
2C
LOAD = 40 pF on all outputs, unless otherwise specified.
3Specification pertains to control signals: R/W, (
WR), DS (RD), CS.
Specifications subject to change without notice.


Numéro de pièce similaire - AD6634PCB

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD6634 AD-AD6634_15 Datasheet
931Kb / 52P
   80 MSPS, Dual-Channel WCDMA Receive Signal Processor
REV. 0
More results

Description similaire - AD6634PCB

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD6635 AD-AD6635 Datasheet
799Kb / 60P
   4-Channel, 80 MSPS WCDMA Receive Signal Processor (RSP)
REV. 0
AD6634 AD-AD6634_15 Datasheet
931Kb / 52P
   80 MSPS, Dual-Channel WCDMA Receive Signal Processor
REV. 0
AD6624 AD-AD6624 Datasheet
509Kb / 40P
   Four-Channel, 80 MSPS Digital Receive Signal Processor (RSP)
REV. B
AD6635 AD-AD6635_15 Datasheet
805Kb / 60P
   4-Channel, 80 MSPS WCDMA Receive Signal Processor
REV. 0
AD6624A AD-AD6624A Datasheet
636Kb / 40P
   Four-Channel, 100 MSPS Digital Receive Signal Processor (RSP)
REV. 0
AD6624 AD-AD6624_15 Datasheet
566Kb / 40P
   Four-Channel, 80 MSPS Digital Receive Signal Processor
REV. B
AD6624A AD-AD6624A_15 Datasheet
642Kb / 40P
   Four-Channel, 100 MSPS Digital Receive Signal Processor
REV. 0
AD6620ASZ AD-AD6620ASZ Datasheet
374Kb / 44P
   67 MSPS Digital Receive Signal Processor
REV. A
AD6620 AD-AD6620 Datasheet
354Kb / 43P
   65 MSPS Digital Receive Signal Processor
REV. 0
AD6620 AD-AD6620_15 Datasheet
399Kb / 44P
   67 MSPS Digital Receive Signal Processor
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com