Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA3608Q Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce TDA3608Q
Description  Multiple voltage regulators with switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3608Q Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button TDA3608Q Datasheet HTML 3Page - NXP Semiconductors TDA3608Q Datasheet HTML 4Page - NXP Semiconductors TDA3608Q Datasheet HTML 5Page - NXP Semiconductors TDA3608Q Datasheet HTML 6Page - NXP Semiconductors TDA3608Q Datasheet HTML 7Page - NXP Semiconductors TDA3608Q Datasheet HTML 8Page - NXP Semiconductors TDA3608Q Datasheet HTML 9Page - NXP Semiconductors TDA3608Q Datasheet HTML 10Page - NXP Semiconductors TDA3608Q Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
2003 Nov 28
7
Philips Semiconductors
Product specification
Multiple voltage regulators with switch
TDA3608Q; TDA3608TH
handbook, full pagewidth
VP
enable
regulator 1
regulator 1
hold output
regulator 3
enable
regulator 3
18.0 V
9.5 V
4.5 V
4.0 V
≥2.2 V
8.5 V
0 V
load dump
5.0 V
0 V
≤2.0 V
≥2.2 V
≤2.0 V
MGT568
Fig.4 Timing diagram of regulator 1, regulator 3 and hold output.
handbook, full pagewidth
VP
backup
regulator 2
reset
delay
capacitor
reset
output
td(res)
6.5 V
5.4 V
5.0 V
1.9 V
0 V
5.0 V
18.0 V
4.0 V
0 V
3.0 V
5.0 V
load dump
MGT567
Fig.5 Timing diagram of backup, regulator 2 and reset output.


Numéro de pièce similaire - TDA3608Q

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA3608Q PHILIPS-TDA3608Q Datasheet
123Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 14
More results

Description similaire - TDA3608Q

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA3604Q PHILIPS-TDA3604Q Datasheet
129Kb / 20P
   Multiple voltage regulators with external reset delay and switch
1997 Aug 21
TDA3601Q PHILIPS-TDA3601Q Datasheet
84Kb / 12P
   Multiple output voltage regulators
1995 Dec 13
TDA3607 PHILIPS-TDA3607 Datasheet
85Kb / 16P
   Multiple voltage regulator with switch
1997 May 05
logo
Freescale Semiconductor...
33730 FREESCALE-33730_10 Datasheet
854Kb / 26P
   Switch Mode Power Supply with Multiple Linear Regulators
MCZ33730EK FREESCALE-MCZ33730EK Datasheet
687Kb / 28P
   Switch Mode Power Supply with Multiple Linear Regulators
33730 FREESCALE-33730_12 Datasheet
687Kb / 28P
   Switch Mode Power Supply with Multiple Linear Regulators
logo
NXP Semiconductors
TDA3603 PHILIPS-TDA3603 Datasheet
121Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 15
TDA3605Q PHILIPS-TDA3605Q Datasheet
122Kb / 16P
   Multiple voltage regulator with switch
1997 Jul 09
TDA3608Q PHILIPS-TDA3608Q Datasheet
123Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 14
TDA3618AJR PHILIPS-TDA3618AJR Datasheet
121Kb / 24P
   Multiple voltage regulator with switch and ignition buffers
2001 May 02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com