Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP816 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce TMP816
Description  TMP816 Variable-Speed Single-Phase Full-Wave Fan-Motor Predriver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TMP816 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TMP816_15 Datasheet HTML 4Page - Texas Instruments TMP816_15 Datasheet HTML 5Page - Texas Instruments TMP816_15 Datasheet HTML 6Page - Texas Instruments TMP816_15 Datasheet HTML 7Page - Texas Instruments TMP816_15 Datasheet HTML 8Page - Texas Instruments TMP816_15 Datasheet HTML 9Page - Texas Instruments TMP816_15 Datasheet HTML 10Page - Texas Instruments TMP816_15 Datasheet HTML 11Page - Texas Instruments TMP816_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
0 V
CPWM
V
CC
FG
0 V
VTH voltage
RMI voltage
4.55 V
1.65 V
PWM-IN disconnected
ON duty small
f = 25 kHz (CP = 100 pF)
ON duty large
PWM control
variable speed
Full speed
12 V
Rotation set to
minimum speed
(stop mode)
Low speed
High speed
TMP816
SLVS787A – MAY 2009 – REVISED JUNE 2015
www.ti.com
Feature Description (continued)
A.
Minimum speed setting (stop) mode
PWM-IN input is filtered to generate the VTH voltage. At low speed, the fan rotates with the minimum speed set with
RMI during low speed. If the minimum speed is not set (RMI = 6VREG), the fan stops.
B.
Low
↔ high-speed mode
PWM control is made through comparison of oscillation and VTH voltages with CPWM changing between 1.6 V
↔ 4.6
V.
Upper and lower TRs are turned ON when the VTH voltage is higher. The upper output TR is turned OFF when the
VTH voltage is lower, and the coil current is regenerated in the lower TR. Therefore, as the VTH voltage lowers, the
output ON duty increases, increasing the coil current and raising the motor speed. The rotation speed is fed back by
the FG output.
C.
Full speed mode
The full-speed mode becomes effective with the VTH voltage of 1.65 V or less. (VTH must be equal to GND when the
speed control is not used.)
D.
PWM-IN input disconnection mode
When the PWM-IN input pin is disconnected, VTH becomes 1.65 V or less and the output enables full drive at 100%.
The fan runs at full speed (see Figure 5).
Figure 2. Control Timing
8
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TMP816


Numéro de pièce similaire - TMP816_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP816 TI1-TMP816 Datasheet
531Kb / 12P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
More results

Description similaire - TMP816_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP814 TI1-TMP814_15 Datasheet
982Kb / 21P
[Old version datasheet]   Variable Speed Single-phase Full-wave Fan Motor Predriver
TMP815 TI1-TMP815_15 Datasheet
3Mb / 20P
[Old version datasheet]   Variable-Speed Single-Phase Full-Wave Fan-Motor Predriver
logo
Kersemi Electronic Co.,...
P0102BL KERSEMI-P0102BL Datasheet
421Kb / 5P
   Variable-Speed Single-Phase Full-Wave Fan-Motor Predriver
logo
Texas Instruments
TMP814 TI1-TMP814 Datasheet
534Kb / 12P
[Old version datasheet]   VARIABLE SPEED SINGLE-PHASE FULL-WAVE FAN MOTOR PRE-DRIVER
TMP815 TI1-TMP815 Datasheet
533Kb / 13P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
TMP816 TI1-TMP816 Datasheet
531Kb / 12P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
logo
Unisonic Technologies
F2967 UTC-F2967 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
ON Semiconductor
LB11967V-TLM-H ONSEMI-LB11967V-TLM-H Datasheet
105Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
logo
Unisonic Technologies
F2967 UTC-F2967_15 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
Sanyo Semicon Device
LB11867RV SANYO-LB11867RV_11 Datasheet
370Kb / 9P
   For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com