Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M38512M4 Fiches technique(PDF) 4 Page - Mitsubishi Electric Semiconductor

No de pièce M38512M4
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER?
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38512M4 Fiches technique(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M38512M4 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M38512M4 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M38512M4 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M38512M4 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M38512M4 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M38512M4 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M38512M4 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M38512M4 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M38512M4 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 61 page
background image
4
3851 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
GROUP EXPANSION
Mitsubishi plans to expand the 3851 group as follows:
Memory Type
Support for mask ROM and One Time PROM versions.
Memory Size
ROM/PROM size ............................................................ 16 K bytes
RAM size ......................................................................... 512 bytes
Packages
42P2R-A ............................................ 42-pin plastic molded SSOP
42P4B ......................................... 42-pin shrink plastic-molded DIP
Fig. 3 Memory expansion plan
Memory Expansion Plan
48K
ROM size (bytes)
32K
28K
24K
20K
16K
12K
8K
128
192
256
RAM size (bytes)
384
512
640
768
896
1024
M38513E4FP/SP
M38513M4-XXXFP/SP
Under development
M38514E6FP/SP
M38514M6-XXXFP/SP
Mass production


Numéro de pièce similaire - M38512M4

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
M38512M4-SP RENESAS-M38512M4-SP Datasheet
1Mb / 91P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Description similaire - M38512M4

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com