Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC856B Fiches technique(PDF) 5 Page - Bruckewell Technology LTD

No de pièce BC856B
Description  PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BWTECH [Bruckewell Technology LTD]
Site Internet  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

BC856B Fiches technique(HTML) 5 Page - Bruckewell Technology LTD

  BC856B Datasheet HTML 1Page - Bruckewell Technology LTD BC856B Datasheet HTML 2Page - Bruckewell Technology LTD BC856B Datasheet HTML 3Page - Bruckewell Technology LTD BC856B Datasheet HTML 4Page - Bruckewell Technology LTD BC856B Datasheet HTML 5Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
BC856A-BC858C
PNP SURFACE MOUNT SMALL
SIGNAL TRANSISTOR IN SOT23
Publication Order Number: [BC856A-BC858C]
© Bruckewell Technology Corporation Rev. A -2014
Disclaimer
ALL PRODUCT, PRODUCT SPECIFICATIONS AND DATA ARE SUBJECT TO CHANGE
WITHOUT NOTICE TO IMPROVE RELIABILITY, FUNCTION OR DESIGN OR OTHERWISE.
Bruckewell Technology Inc., its affiliates, agents, and employees, and all persons acting on its or
their behalf (collectively, “Bruckewell”), disclaim any and all liability for any errors, inaccuracies or
incompleteness contained in any datasheet or in any other disclosure relating to any product.
Bruckewell makes no warranty, representation or guarantee regarding the suitability of the products
for any particular purpose or the continuing production of any product. To the maximum extent
permitted by applicable law, Bruckewell disclaims
(i)
Any and all liability arising out of the application or use of any product.
(ii) Any and all liability, including without limitation special, consequential or incidental damages.
(iii) Any and all implied warranties, including warranties of fitness for particular purpose,
non-infringement and merchantability.
Statements regarding the suitability of products for certain types of applications are based on
Bruckewell’s knowledge of typical requirements that are often placed on Bruckewell products in
generic applications.
Such statements are not binding statements about the suitability of products for a particular
application. It is the customer’s responsibility to validate that a particular product with the properties
described in the product specification is suitable for use in a particular application. Parameters
provided in datasheets and/or specifications may vary in different applications and performance
may vary over time.
Product specifications do not expand or otherwise modify Bruckewell’s terms and conditions of
purchase, including but not limited to the warranty expressed therein.


Numéro de pièce similaire - BC856B

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BC856B PHILIPS-BC856B Datasheet
47Kb / 8P
   PNP general purpose transistors
1999 Apr 12
logo
Yea Shin Technology Co....
BC856B YEASHIN-BC856B Datasheet
922Kb / 7P
   General Purpose Transistors
logo
FutureWafer Tech Co.,Lt...
BC856B FUTUREWAFER-BC856B Datasheet
1Mb / 12P
   PNP Silicon Epitaxial General Purpose Transistors
logo
Taiwan Semiconductor Co...
BC856B TSC-BC856B Datasheet
88Kb / 3P
   0.2 Watts PNP Plastic-Encapsulate Transistors
logo
Infineon Technologies A...
BC856B INFINEON-BC856B Datasheet
887Kb / 14P
   PNP Silicon AF Transistor
2008-04-29
More results

Description similaire - BC856B

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
DS11207 DIODES-DS11207 Datasheet
194Kb / 7P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
MMBT4403 DIODES-MMBT4403_15 Datasheet
155Kb / 6P
   40V PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
MMBTA55 DIODES-MMBTA55_15 Datasheet
471Kb / 7P
   PNP SMALL SIGNAL TRANSISTOR IN SOT23
AC857BQ DIODES-AC857BQ Datasheet
433Kb / 7P
   PNP SMALL SIGNAL TRANSISTOR IN SOT23
BC856AQ DIODES-BC856AQ Datasheet
382Kb / 7P
   PNP SMALL SIGNAL TRANSISTOR IN SOT23
November 2019 Rev. 1 - 2
BC856A DIODES-BC856A_15 Datasheet
359Kb / 7P
   PNP SMALL SIGNAL TRANSISTOR IN SOT23
BC846A DIODES-BC846A_11 Datasheet
148Kb / 6P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
logo
Bruckewell Technology L...
BC846A BWTECH-BC846A Datasheet
388Kb / 5P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
logo
Diodes Incorporated
MMBT2907A DIODES-MMBT2907A_15 Datasheet
389Kb / 7P
   60V PNP SMALL SIGNAL TRANSISTOR IN SOT23
MMBT5401 DIODES-MMBT5401_15 Datasheet
313Kb / 7P
   150V PNP SMALL SIGNAL TRANSISTOR IN SOT23
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com