Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN5331 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce FAN5331
Description  1.6MHz Boost Converter with 20V Integrated FET Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5331 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  FAN5331 Datasheet HTML 1Page - Fairchild Semiconductor FAN5331 Datasheet HTML 2Page - Fairchild Semiconductor FAN5331 Datasheet HTML 3Page - Fairchild Semiconductor FAN5331 Datasheet HTML 4Page - Fairchild Semiconductor FAN5331 Datasheet HTML 5Page - Fairchild Semiconductor FAN5331 Datasheet HTML 6Page - Fairchild Semiconductor FAN5331 Datasheet HTML 7Page - Fairchild Semiconductor FAN5331 Datasheet HTML 8Page - Fairchild Semiconductor FAN5331 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
www.fairchildsemi.com
FAN5331 Rev. 1.0.1
Pin Assignment
Figure 2. Pin Assignment
Pin Description
Absolute Maximum Ratings (Note1)
Recommended Operating Conditions
Notes:
1. Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only and functional operation of the device at these or any other conditions above those indicated
in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. Absolute maximum ratings apply individually only, not in combination.
2. Using EIA/JESD22A114B (Human Body Model) and EIA/JESD22C101-A (Charge Device Model).
3. This load capacitance value is required for the loop stability. Tolerance, temperature variation, and voltage
dependency of the capacitance must be considered. Typically a 4.7µF ceramic capacitor is required to achieve
specified value at VOUT = 15V.
Pin No.
Pin Name
Pin Description
1
SW
Switching node.
2
GND
Analog and power ground.
3
FB
Feedback node that connects to an external voltage divider.
4
SHDN
Shutdown control pin. Logic HIGH enables, logic LOW disables the device.
5VIN
Input voltage.
Parameter
Min
Max
Unit
VIN to GND
6.0
V
FB, SHDN to GND
-0.3
VIN + 0.3
V
SW to GND
-0.3
23
V
Lead Soldering Temperature (10 seconds)
300
°C
Junction Temperature
150
°C
Storage Temperature
-55
150
°C
Thermal Resistance (
Θ
JA)
265
°C/W
Electrostatic Discharge Protection (ESD) Level (Note 2)
HBM
2.5
kV
CDM
1
Parameter
Min
Typ
Max
Unit
Input Voltage
2.7
5.5
V
Output Voltage
VIN
20
V
Operating Ambient Temperature
-40
25
85
°C
Output Capacitance (Note 3)
1.6
µF
SW
GND
FB
SHDN
VIN
5-Lead SOT-23
Top View


Numéro de pièce similaire - FAN5331

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5331 FAIRCHILD-FAN5331 Datasheet
582Kb / 10P
   High Efficiency Serial LED Driver and OLED Supply with 20V Integrated Switch
logo
ON Semiconductor
FAN5331 ONSEMI-FAN5331 Datasheet
754Kb / 11P
   High Efficiency Serial LED Driver and OLED Supply
August 2005 Rev. 1.0.1
logo
Fairchild Semiconductor
FAN5331 FAIRCHILD-FAN5331_05 Datasheet
582Kb / 10P
   High Efficiency Serial LED Driver and OLED Supply with 20V Integrated Switch
More results

Description similaire - FAN5331

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS1935 TSC-TS1935 Datasheet
391Kb / 8P
   1.6MHz Boost Converter with 30V Internal FET Switch
logo
Rohm
BD8152FVM ROHM-BD8152FVM_14 Datasheet
1Mb / 27P
   Boost Converter with Integrated FET
logo
Texas Instruments
TPS2500 TI-TPS2500 Datasheet
1Mb / 42P
[Old version datasheet]   INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
logo
Shenzhen Huazhimei Semi...
HM5168 HMSEMI-HM5168 Datasheet
1Mb / 19P
   20V, 14A fully integrated synchronous boost converter
logo
Fairchild Semiconductor
FAN5336 FAIRCHILD-FAN5336_07 Datasheet
645Kb / 10P
   1.5MHz Boost Regulator with 33V Integrated FET Switch
FAN5336 FAIRCHILD-FAN5336 Datasheet
697Kb / 9P
   1.5MHz Boost Regulator with 33V Integrated FET Switch
logo
Analog Microelectronics
AME5143 AME-AME5143 Datasheet
186Kb / 15P
   1.4MHz Boost Converter With 30V Internal FET Switch
logo
Integrated Silicon Solu...
IS31PW3500 ISSI-IS31PW3500 Datasheet
261Kb / 8P
   1.1MHZ BOOST CONVERTER WITH 30V INTERNAL FET SWITCH
logo
Texas Instruments
LP8543 TI-LP8543 Datasheet
1Mb / 40P
[Old version datasheet]   High-Voltage DC/DC Boost Converter With Integrated FET
logo
Analog Microelectronics
AME5140 AME-AME5140 Datasheet
219Kb / 22P
   1.6 MHz Boost Converter With 30V Internal FET Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com