Moteur de recherche de fiches techniques de composants électroniques |
|
TMP125AIDBVR Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
TMP125AIDBVR Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 12 page TMP125 SBOS323A − DECEMBER 2004 − REVISED JUNE 2005 www.ti.com 2 ABSOLUTE MAXIMUM RATINGS(1) Supply Voltage +7V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input Voltage(2) −0.3V to +7V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input Current ±10mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output Short Circuit(3) Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . Operating Temperature Range −55 °C to +125°C . . . . . . . . . . . . . . . Storage Temperature Range −60 °C to +150°C . . . . . . . . . . . . . . . . . Junction Temperature (TJ max) +150 °C . . . . . . . . . . . . . . . . . . . . . . Lead Temperature (soldering) +300 °C . . . . . . . . . . . . . . . . . . . . . . . . ESD Rating (Human Body Model) 4000V . . . . . . . . . . . . . . . . . . . . (Charged Device Model) 1000V . . . . . . . . . . . . . . . . . (1) Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those specified is not supported. (2) Input terminals are diode-clamped to the power-supply rails. Input signals that can swing more than 0.5V beyond the supply rails should be current limited to 10mA or less. (3) Short-circuit to ground. This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. ORDERING INFORMATION(1) PRODUCT PACKAGE-LEAD PACKAGE DESIGNATOR PACKAGE MARKING TMP125 SOT23-6 DBV T125 TMP125 SOT23-6 DBV T125 TMP125 SOT23-6 DBV T125 TMP125 SOT23-6 DBV T125 (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. PIN CONFIGURATION Top View GND SI V+ NOTE: Pin 1 is determined by orienting the package marking as shown. SOT23−6 SO CS SCK 1 2 3 6 5 4 TMP125 |
Numéro de pièce similaire - TMP125AIDBVR |
|
Description similaire - TMP125AIDBVR |