Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC33991 Fiches technique(PDF) 10 Page - Motorola, Inc

No de pièce MC33991
Description  Gauge Driver Integrated Circuit
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33991 Fiches technique(HTML) 10 Page - Motorola, Inc

Back Button MC33991 Datasheet HTML 6Page - Motorola, Inc MC33991 Datasheet HTML 7Page - Motorola, Inc MC33991 Datasheet HTML 8Page - Motorola, Inc MC33991 Datasheet HTML 9Page - Motorola, Inc MC33991 Datasheet HTML 10Page - Motorola, Inc MC33991 Datasheet HTML 11Page - Motorola, Inc MC33991 Datasheet HTML 12Page - Motorola, Inc MC33991 Datasheet HTML 13Page - Motorola, Inc MC33991 Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
33991
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
10
MAXIMUM RATING
(All voltages are with respect to ground unless otherwise noted)
Rating
Symbol
Value
Limit
Power Supply Voltage
Steady State
VPWR(sus)
-0.3 to 41
V
Input Pin Voltage (Note15)
VIN
-0.3 to 7.0
V
SIN+/- COS +/- Continuous Per Output Current (Note16)
IOUTMAX
40
mA
Storage Temperature
Tstg
-55to150
°C
Operating Junction Temperature
TJunc
-40to150
°C
Thermal Resistance (C/W)
Ambient Junction to Lead
qJA
qJL
60
20
°C/W
°C/W
ESD Voltage
Human Body Model (Note17)
Machine Model (Note18)
VESD1
VESD2
2000
200
V
V
Notes:
15.
Exceeding voltage limits on Input pins may cause permanent damage to the device.
16.
Output continuous output rating so long as maximum junction temperature is not exceeded. Operation at 125
° C ambient temperature will
require maximum output current computation using package thermal resistances
17.
VESD1 testing is performed in accordance with the Human Body Model (Czap = 100pF, Rzap = 1500 Ω)
18.
VESD2 testing is performed in accordance with the Machine Model (Czap = 100pF, Rzap = 0 Ω)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Numéro de pièce similaire - MC33991

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC33991DW FREESCALE-MC33991DW Datasheet
1Mb / 36P
   Gauge Driver Integrated Circuit
MC33991DWR2 FREESCALE-MC33991DWR2 Datasheet
1Mb / 36P
   Gauge Driver Integrated Circuit
More results

Description similaire - MC33991

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
33991 FREESCALE-33991 Datasheet
1Mb / 36P
   Gauge Driver Integrated Circuit
33970 FREESCALE-33970 Datasheet
1Mb / 36P
   Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
logo
NXP Semiconductors
MC33970 NXP-MC33970 Datasheet
2Mb / 36P
   Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
Rev. 3.0, 1/2007
logo
NTE Electronics
NTE1431 NTE-NTE1431 Datasheet
66Kb / 1P
   Integrated Circuit Audio Driver
NTE1715 NTE-NTE1715 Datasheet
18Kb / 2P
   Integrated Circuit 8-Circuit Display Driver
NTE1857 NTE-NTE1857 Datasheet
56Kb / 6P
   Integrated Circuit Stepper Motor Driver
logo
Infineon Technologies A...
AUIR08152S INFINEON-AUIR08152S Datasheet
1Mb / 18P
   BUFFER GATE DRIVER INTEGRATED CIRCUIT
2015-11-09
logo
NTE Electronics
NTE1751 NTE-NTE1751 Datasheet
20Kb / 2P
   Integrated Circuit TV SCR Driver
NTE1766 NTE-NTE1766 Datasheet
22Kb / 2P
   Integrated Circuit Reversible Motor Driver
logo
International Rectifier
AUIR08152S IRF-AUIR08152S_15 Datasheet
999Kb / 13P
   BUFFER GATE DRIVER INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com