Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC3842AD8TR Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC3842AD8TR
Description  Current-Mode PWM Controller
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC3842AD8TR Fiches technique(HTML) 6 Page - Texas Instruments

Back Button UC3842AD8TR Datasheet HTML 2Page - Texas Instruments UC3842AD8TR Datasheet HTML 3Page - Texas Instruments UC3842AD8TR Datasheet HTML 4Page - Texas Instruments UC3842AD8TR Datasheet HTML 5Page - Texas Instruments UC3842AD8TR Datasheet HTML 6Page - Texas Instruments UC3842AD8TR Datasheet HTML 7Page - Texas Instruments UC3842AD8TR Datasheet HTML 8Page - Texas Instruments UC3842AD8TR Datasheet HTML 9Page - Texas Instruments UC3842AD8TR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
6
UC1842A, UC1843A, UC1844A, UC1845A
UC2842A, UC2843A, UC2844A, UC2845A
UC3842A, UC3843A, UC3844A, UC3845A
SLUS224E – SEPTEMBER 1994 – REVISED JULY 2016
www.ti.com
Product Folder Links: UC1842A UC1843A UC1844A UC1845A UC2842A UC2843A UC2844A UC2845A UC3842A
UC3843A UC3844A UC3845A
Submit Documentation Feedback
Copyright © 1994–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
UC184xA
UC2843A
UC284xA, UC384xA
UNIT
JG (CDIP)
FK (LCCC)
FN (PLCC)
P (PDIP)
D (SOIC)
D (SOIC)
DW (SOIC)
8 PINS
20 PINS
20 PINS
8 PINS
8 PINS
14 PINS
16 PINS
RθJA
Junction-to-ambient thermal
resistance
56.7
53.4
104.3
77.9
73.6
°C/W
RθJC(top)
Junction-to-case (top)
thermal resistance
64
36.2
34.6
46.4
46.8
35.8
35
°C/W
RθJB
Junction-to-board thermal
resistance
92.5
35.4
21.8
30.7
45.3
32.5
38.4
°C/W
ψJT
Junction-to-top
characterization parameter
10.4
16.8
6
6.6
9.7
°C/W
ψJB
Junction-to-board
characterization parameter
21.5
30.6
44.6
32.2
37.8
°C/W
RθJC(bot)
Junction-to-case (bottom)
thermal resistance
15.1
4.1
°C/W
(1)
Adjust VCC above the start threshold before setting at 15 V.
(2)
Ensured by design, but not 100% production tested.
(3)
Temperature stability, sometimes referred to as average temperature coefficient, is described by: Temperature stability = ( VREF(max)
VREF(min)) / (TJ(max) – TJ(min) ). VREF(max) and VREF(min) are the maximum and minimum reference voltage measured over the appropriate
temperature range. Note that the extremes in voltage do not necessarily occur at the extremes in temperature.
(4)
Output frequency equals oscillator frequency for the UC1842A and UC1843A. Output frequency is one half oscillator frequency for the
UC1844A and UC1845A.
(5)
This parameter is measured with RT = 10 kΩ to VREF. This contributes approximately 300 µA of current to the measurement. The total
current flowing into the RT/CT pin is approximately 300 µA higher than the measured value.
7.5 Electrical Characteristics
Unless otherwise stated, these specifications apply for TA = –55°C to 125°C (UC184xA), TA = –40°C to 125°C (UC284xAQ),
TA = –40°C to 85°C (UC284xA), TA = 0°C to 70°C (UC384xA); TA = TJ; VCC = 15 V
(1); R
T = 10 kΩ; CT = 3.3 nF.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE
Output voltage
TJ = 25°C, IO = 1 mA
UC184xA, UC284xA
4.95
5
5.05
V
UC384xA
4.9
5
5.1
Line regulation
12
≤ VIN ≤ 25 V
6
20
mV
Load regulation
1
≤ IO ≤ 20 mA
6
25
mV
Temperature stability
See (2)(3)
0.2
0.4
mV/°C
Total output variation
Line, Load, Temperature
UC184xA, UC284xA
4.9
5.1
V
UC384xA
4.82
5.18
Output noise voltage
10 Hz
≤ f ≤ 10 kHz; TJ = 25°C
(2)
50
µV
Long-term stability
TA = 125°C, 1000 hrs
(2)
5
25
mV
Output short circuit
–30
–100
–180
mA
OSCILLATOR
Initial accuracy
TJ = 25°C
(4)
47
52
57
kHz
Voltage stability
12
≤ VCC ≤ 25 V
0.2%
1%
Temperature stability
TMIN ≤ TA ≤ TMAX
(2)
5%
Amplitude
VRT/CT peak to peak
(2)
1.7
V
Discharge current
TJ = 25°C, VRT/CT = 2 V
(5)
7.8
8.3
8.8
mA
VRT/CT = 2 V
(5)
UC184xA, UC284xA
7.5
8.8
UC384xA
7.6
8.8


Numéro de pièce similaire - UC3842AD8TR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC3842AD8TR TI-UC3842AD8TR Datasheet
517Kb / 11P
[Old version datasheet]   Current Mode PWM Controller
UC3842AD8TR TI1-UC3842AD8TR Datasheet
3Mb / 29P
[Old version datasheet]   Current Mode PWM Controller
UC3842AD8TRG4 TI1-UC3842AD8TRG4 Datasheet
3Mb / 29P
[Old version datasheet]   Current Mode PWM Controller
More results

Description similaire - UC3842AD8TR

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com