Moteur de recherche de fiches techniques de composants électroniques |
|
UC2845ANG4 Fiches technique(PDF) 5 Page - Texas Instruments |
|
|
UC2845ANG4 Fiches technique(HTML) 5 Page - Texas Instruments |
5 / 45 page 5 UC1842A, UC1843A, UC1844A, UC1845A UC2842A, UC2843A, UC2844A, UC2845A UC3842A, UC3843A, UC3844A, UC3845A www.ti.com SLUS224E – SEPTEMBER 1994 – REVISED JULY 2016 Product Folder Links: UC1842A UC1843A UC1844A UC1845A UC2842A UC2843A UC2844A UC2845A UC3842A UC3843A UC3844A UC3845A Submit Documentation Feedback Copyright © 1994–2016, Texas Instruments Incorporated (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. 7 Specifications 7.1 Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted) (1) MIN MAX UNIT Supply voltage (low impedance source) VCC pin 30 V Output current, IOUT ±1 A Output energy (capacitive load) 5 µJ Analog inputs –0.3 6.3 V Maximum negative voltage All pins –0.3 V Differential voltage between VC and VCC VC pin –0.3 V Error amplifier output sink current, ICOMP 10 mA Power dissipation at TA ≤ 25°C 1 W Lead temperature (soldering, 10 s) 300 °C Junction temperature, TJ –55 150 °C Storage temperature, Tstg –65 150 °C (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. (2) JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. 7.2 ESD Ratings VALUE UNIT V(ESD) Electrostatic discharge Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1) ±2000 V Charged-device model (CDM), per JEDEC specification JESD22-C101(2) ±1500 7.3 Recommended Operating Conditions over operating free-air temperature range (unless otherwise noted) MIN NOM MAX UNIT VCC Bias supply voltage VCC pin 11 V VFB, VRC, VVFB Voltage on analog pins FB, ISENSE, and RT/CT pins –0.1 5 V VOUT Gate driver output voltage –0.1 VCC V IVCC Supply bias current 25 mA IVREF Output current VREF pin 10 mA fOSC Oscillator frequency 500 kHz TA Operating free-air temperature UC184xA –55 125 °C UC284xA –40 125 UC384xA –40 85 |
Numéro de pièce similaire - UC2845ANG4 |
|
Description similaire - UC2845ANG4 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |