Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2845AD8 Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC2845AD8
Description  Current-Mode PWM Controller
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC2845AD8 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button UC2845AD8 Datasheet HTML 5Page - Texas Instruments UC2845AD8 Datasheet HTML 6Page - Texas Instruments UC2845AD8 Datasheet HTML 7Page - Texas Instruments UC2845AD8 Datasheet HTML 8Page - Texas Instruments UC2845AD8 Datasheet HTML 9Page - Texas Instruments UC2845AD8 Datasheet HTML 10Page - Texas Instruments UC2845AD8 Datasheet HTML 11Page - Texas Instruments UC2845AD8 Datasheet HTML 12Page - Texas Instruments UC2845AD8 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
S(max)
S
1 V
I
R
´
VREF
5 V
VC
OUTPUT
GND
PWM
Latch
Current
Sense
Comparator
1 V
R
2R
Error
Amp
ISENSE
COMP
FB
RT/CT
GND
VCC
34 V
2.5 V
UVLO
+
T
S
R
VREF
Good
Logic
Internal
Bias
5 V
REF
S/R
OSC
Copyright © 2016, Texas Instruments Incorporated
9
UC1842A, UC1843A, UC1844A, UC1845A
UC2842A, UC2843A, UC2844A, UC2845A
UC3842A, UC3843A, UC3844A, UC3845A
www.ti.com
SLUS224E – SEPTEMBER 1994 – REVISED JULY 2016
Product Folder Links: UC1842A UC1843A UC1844A UC1845A UC2842A UC2843A UC2844A UC2845A UC3842A
UC3843A UC3844A UC3845A
Submit Documentation Feedback
Copyright © 1994–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The UCx84xA family of fixed-frequency pulse-width-modulator (PWM) controllers are designed to operate at
switching frequencies of 500 kHz. These controllers are designed for peak current mode (PCM) and can be used
in isolated and non-isolated power supply designs. These controllers can drive FETs directly from the output,
which is capable of sourcing and sinking up to 1 A of gate driver current. These devices also have a built-in low-
impedance amplifier that can be used in non-isolated designs to control the power supply output voltage and
feedback loop.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Pulse-by-Pulse Current Limiting
Pulse-by-pulse limiting is inherent in the current mode control scheme. An upper limit on the peak current can be
established by simply clamping the error voltage. Accurate current limiting allows optimization of magnetic and
power semiconductor elements while ensuring reliable supply operation.
8.3.2 Current Sense Circuit
Peak current (IS) is determined by Equation 1:
(1)
A small RC filter may be required to suppress switch transients.


Numéro de pièce similaire - UC2845AD8

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2845AD8 TI-UC2845AD8 Datasheet
517Kb / 11P
[Old version datasheet]   Current Mode PWM Controller
UC2845AD8 TI1-UC2845AD8 Datasheet
3Mb / 29P
[Old version datasheet]   Current Mode PWM Controller
UC2845AD8G4 TI1-UC2845AD8G4 Datasheet
3Mb / 29P
[Old version datasheet]   Current Mode PWM Controller
UC2845AD8TR TI-UC2845AD8TR Datasheet
517Kb / 11P
[Old version datasheet]   Current Mode PWM Controller
UC2845AD8TR TI1-UC2845AD8TR Datasheet
3Mb / 29P
[Old version datasheet]   Current Mode PWM Controller
More results

Description similaire - UC2845AD8

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com