Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2886 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce UC2886
Description  Average Current Mode PWM Controller IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC2886 Fiches technique(HTML) 1 Page - Texas Instruments

  UC2886_14 Datasheet HTML 1Page - Texas Instruments UC2886_14 Datasheet HTML 2Page - Texas Instruments UC2886_14 Datasheet HTML 3Page - Texas Instruments UC2886_14 Datasheet HTML 4Page - Texas Instruments UC2886_14 Datasheet HTML 5Page - Texas Instruments UC2886_14 Datasheet HTML 6Page - Texas Instruments UC2886_14 Datasheet HTML 7Page - Texas Instruments UC2886_14 Datasheet HTML 8Page - Texas Instruments UC2886_14 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UC2886
UC3886
SLUS231 - JUNE 1998
Average Current Mode PWM Controller IC
BLOCK DIAGRAM
UDG-95098-2
application
INFO
available
DESCRIPTION
The UC3886 family of PWM controller ICs is designed for DC-to-DC con-
verters with average current mode control. It is designed for use in con-
junction with the UC3910 4-bit DAC and Voltage Monitor. The UC3886
drives an external N-channel MOSFET and can be used to power the In-
tel Pentium® Pro and other high-end microprocessors.
The UC3886 in conjunction with the UC3910 converts 5VDC to an adjust-
able output ranging from 2.0V to 3.5V in 100mV steps with 35mV DC sys-
tem accuracy.
The oscillator is programmed by the user’s selection of an external resis-
tor and capacitor, and is designed for 300kHz typical operation.
The voltage and current amplifiers have 3.5MHz gain-bandwidth product
to satisfy high performance system requirements.
The internal current sense amplifier permits the use of a low value current
sense resistor, minimizing power loss. It has inputs and outputs accessi-
ble to allow user-selection of gain-setting resistors, and is internally com-
pensated for a gain of 5 and above. The command voltage input is
buffered and provided for use as the reference for the current sense am-
plifier.
The output of the voltage amplifier (input to the current amplifier) is
clamped to 1 volt above the command voltage to serve as a current limit.
The gate output can be disabled by bringing the CAO/ENBL pin to below
0.8 volts.
FEATURES
• 10.3V - 20V Operating Range
• Low Offset Voltage Amplifier
• High Bandwidth Current and Voltage
Amplifiers
• Low Offset Current Sense Amplifier
• Undervoltage Lockout
• Trimmed 5 Volt Reference
• Externally Programmable Oscillator
Charge Current
• 1.5A Peak Totem Pole Output
• Available in 16-pin DIL or SOIC
Packages


Numéro de pièce similaire - UC2886_14

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2886D TI1-UC2886D Datasheet
206Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller IC
UC2886DG4 TI1-UC2886DG4 Datasheet
206Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller IC
More results

Description similaire - UC2886_14

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC3886N TI1-UC3886N Datasheet
206Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller IC
UC1886 TI-UC1886 Datasheet
292Kb / 8P
[Old version datasheet]   Average Current Mode PWM Controller IC
UC3848N TI-UC3848N Datasheet
1,002Kb / 17P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848 TI-UC1848 Datasheet
359Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848 TI1-UC1848_14 Datasheet
512Kb / 13P
[Old version datasheet]   Average Current Mode PWM Controller
UCC1839 TI-UCC1839 Datasheet
210Kb / 6P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UCC2839 TI1-UCC2839_13 Datasheet
252Kb / 7P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC1849 TI-UC1849 Datasheet
542Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC1826 TI-UC1826 Datasheet
506Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC2849DW TI-UC2849DW Datasheet
532Kb / 21P
[Old version datasheet]   SECONDARY SIDE AVERAGE CURRENT MODE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com