Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC1910 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce UC1910
Description  4-Bit DAC and Voltage Monitor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC1910 Fiches technique(HTML) 6 Page - Texas Instruments

  UC1910_08 Datasheet HTML 1Page - Texas Instruments UC1910_08 Datasheet HTML 2Page - Texas Instruments UC1910_08 Datasheet HTML 3Page - Texas Instruments UC1910_08 Datasheet HTML 4Page - Texas Instruments UC1910_08 Datasheet HTML 5Page - Texas Instruments UC1910_08 Datasheet HTML 6Page - Texas Instruments UC1910_08 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
UC3910DTR
NRND
SOIC
D
16
TBD
Call TI
Call TI
UC3910DTRG4
NRND
SOIC
D
16
TBD
Call TI
Call TI
UC3910N
NRND
PDIP
N
16
TBD
Call TI
Call TI
UC3910NG4
NRND
PDIP
N
16
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
18-Sep-2008
Addendum-Page 1


Numéro de pièce similaire - UC1910_08

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1910 TI-UC1910 Datasheet
222Kb / 6P
[Old version datasheet]   4-Bit DAC and Voltage Monitor
More results

Description similaire - UC1910_08

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1910 TI-UC1910 Datasheet
222Kb / 6P
[Old version datasheet]   4-Bit DAC and Voltage Monitor
logo
Analog Devices
AD5753 AD-AD5753 Datasheet
2Mb / 72P
   Single-Channel, 16-Bit Current and Voltage DAC
logo
Summit Microelectronics...
SMM153 SUMMIT-SMM153_10 Datasheet
230Kb / 18P
   10-bit Digital Differential Voltage and Current Monitor
SMM153 SUMMIT-SMM153 Datasheet
330Kb / 17P
   10-bit Digital Differential Voltage and Current Monitor
logo
Analog Devices
AD7846 AD-AD7846 Datasheet
616Kb / 16P
   16-Bit Voltage Output DAC
REV. E
AD5758 AD-AD5758 Datasheet
2Mb / 72P
   Single-Channel, 16-Bit Current and Voltage Output DAC
AD7294 AD-AD7294 Datasheet
682Kb / 45P
   12-Bit, Multichannel, DAC/ADC Temperature Sensor and Current Sense for Monitor and Control Applications
Rev. PrB
logo
NXP Semiconductors
NE1619 PHILIPS-NE1619 Datasheet
167Kb / 2P
   Temperature and voltage monitor
August 2008
logo
Analog Devices
AD7846 AD-AD7846_10 Datasheet
451Kb / 24P
   LC2MOS 16-Bit Voltage Output DAC
Rev. G
ADM1185 AD-ADM1185 Datasheet
233Kb / 12P
   Quad Voltage Monitor and Sequencer
Rev. PrK June 2006
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com