Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC285-1 Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce UC285-1
Description  FAST TRANSIENT RESPONSE 5A LOW-DROPOUT REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC285-1 Fiches technique(HTML) 4 Page - Texas Instruments

  UC285-1 Datasheet HTML 1Page - Texas Instruments UC285-1 Datasheet HTML 2Page - Texas Instruments UC285-1 Datasheet HTML 3Page - Texas Instruments UC285-1 Datasheet HTML 4Page - Texas Instruments UC285-1 Datasheet HTML 5Page - Texas Instruments UC285-1 Datasheet HTML 6Page - Texas Instruments UC285-1 Datasheet HTML 7Page - Texas Instruments UC285-1 Datasheet HTML 8Page - Texas Instruments UC285-1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
UC2851, UC2852, UC2853, UC285ADJ, UC3851, UC3852, UC3853, UC385ADJ
FAST TRANSIENT RESPONSE 5A
LOW DROPOUT REGULATOR
SLUS212F − NOVEMBER 1999 − REVISED MAY 2009
4
www.ti.com
pin descriptions
ADJ: In the adjustable version, the user programs the output voltage with two external resistors. The resistors
should be 0.1% for high accuracy. The output amplifier is configured as a noninverting operational amplifier. The
resistors should meet the criteria of R3 || R4 < 100
Ω. Connect ADJ to VOUT for an output voltage of 1.2 V. Note
that the point at which the feedback network is connected to the output is the Kelvin sense point.
GND: For accurate results, the GND pin should be referenced to the load ground.
VB: Supplies power to all circuits of the regulator except the output power transistor. The 2-V headroom from
VB to VOUT allows the use of a Darlington output stage for inherently low output impedance and fast response.
(Dropout is derated for junction temperatures below 0
°C.)
VIN: Supplies the current to the collector of the output power transistor only. The dropout (VIN-VOUT) is under
100 mV for light loads; maximum dropout is 490 mV at 5 A for TJ = 0°C to 100°C. (Dropout is derated for junction
temperatures over 100
°C.)
VOUT: This pin should be connected to the load via a low impedance path. Avoid connectors which add
significant inductance and resistance. Note that even though a Kelvin sense is available through a 5-pin
package, care must be taken since voltage drops along wire traces add to the dropout voltage.
Figure 1
DROPOUT VOLTAGE (VB − VOUT)
vs.
LOAD CURRENT
1.6
1.7
0
5
4
3
2
1
1.625
1.65
1.675
IL− Load Current − A
TJ = 27°C
Figure 2
DROPOUT VOLTAGE (VIN − VOUT)
vs.
LOAD CURRENT
100
200
300
400
100m
5
IL− Load Current − A
TJ = 27°C


Numéro de pièce similaire - UC285-1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC285-1 TI-UC285-1 Datasheet
265Kb / 13P
[Old version datasheet]   FAST TRANSIENT REPONSE 5-A LOW-DROPOUT REGULATOR
More results

Description similaire - UC285-1

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Monolithic Sys...
AMS2115 ADMOS-AMS2115 Datasheet
209Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
AMS2115 ADMOS-AMS2115_07 Datasheet
213Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
logo
ON Semiconductor
NCP59152 ONSEMI-NCP59152 Datasheet
168Kb / 11P
   Very Low-Dropout Fast Transient Response Regulator
May, 2014 ??Rev. 27
logo
Monolithic Power System...
MP20046 MPS-MP20046 Datasheet
501Kb / 14P
   Fast Transient Response, 2A Low Dropout Voltage Regulator
logo
ON Semiconductor
NCP58300 ONSEMI-NCP58300_13 Datasheet
146Kb / 12P
   Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
logo
Sipex Corporation
AS2850 SIPEX-AS2850 Datasheet
159Kb / 6P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1585 SIPEX-SPX1585 Datasheet
198Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Exar Corporation
SPX1585AT-L EXAR-SPX1585AT-L Datasheet
344Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Alpha & Omega Semicondu...
AS1581 AOSMD-AS1581 Datasheet
287Kb / 4P
   5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable Fixed
logo
Sipex Corporation
SPX1585AT-L SIPEX-SPX1585AT-L Datasheet
213Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com