Moteur de recherche de fiches techniques de composants électroniques |
|
SS15 Fiches technique(PDF) 2 Page - Diode Semiconductor Korea |
|
SS15 Fiches technique(HTML) 2 Page - Diode Semiconductor Korea |
2 / 2 page 100 0.001 0.01 0.1 1 10 20 0 40 6 0 8 0 1 00 TJ=125℃ TJ=25℃ NUMBER OF CYCLES AT 60Hz INSTANTANEOUS FORWARD VOLTAGE,VOLTS PERCENT OF RATED PEAK REVERSE VOLTAGE, LEAD TEMPERATURE SS12---SS110 FIG.3 -- TYPICAL FORWARD CHARACTERISTICS FIG.4 -- TYPICAL REVERSE CHARACTERISTICS FIG.1 -- FORWARD DERATING CURVE FIG.2-- PEAK FORWARD SURGE CURRENT 0.5 0 50 Resistive or inductive Load P.C.B.MOUNTED ON 0.2X0.2(5.0X5.0mm) COPPERPAD AREAS 1.0 60 70 80 90 100 110 120 130 140 150 160 170 0 1 1 0 1 0 0 T L = 100 C 8. 3m s S i ng l e H a l f S i ne- W av e ( J E D E C M e th o d ) 20 4 0 O 0 0.01 0.1 1 10 0.2 0.4 0.6 0.8 1.0 1.2 SS15-SS16 Pulse Width=300 S 1%DUTY CYCLE 1.4 50 SS12-SS14 SS18-SS110 1.6 SS15-SS110 SS12-SS16 SS18-SS110 SS12-SS14 www.diode.kr Diode Semiconductor Korea |
Numéro de pièce similaire - SS15 |
|
Description similaire - SS15 |