Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2854AN Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC2854AN
Description  ADVANCED HIGH-POWER FACTOR PREREGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC2854AN Fiches technique(HTML) 2 Page - Texas Instruments

  UC2854AN Datasheet HTML 1Page - Texas Instruments UC2854AN Datasheet HTML 2Page - Texas Instruments UC2854AN Datasheet HTML 3Page - Texas Instruments UC2854AN Datasheet HTML 4Page - Texas Instruments UC2854AN Datasheet HTML 5Page - Texas Instruments UC2854AN Datasheet HTML 6Page - Texas Instruments UC2854AN Datasheet HTML 7Page - Texas Instruments UC2854AN Datasheet HTML 8Page - Texas Instruments UC2854AN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
www.ti.com
DESCRIPTION (CONTINUED)
ABSOLUTE MAXIMUM RATINGS
UC1854A
UC2854A, UC2854B
UC3854A, UC3854B
SLUS329E – MONTH 2003 – REVISED JANUARY 2008
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
The UC3854A/B products improve upon the UC3854 by offering a wide bandwidth, low offset current amplifier, a
faster responding and improved accuracy enable comparator, a VREF GOOD comparator, UVLO threshold
options (16 V/10 V for offline, 10.5 V/10 V for startup from an auxiliary 12-V regulator), lower startup supply
current, and an enhanced multiply/divide circuit. New features like the amplifier output clamps, improved amplifier
current sinking capability, and low offset VAC pin reduce the external component count while improving
performance. Improved common mode input range of the multiplier output/current amplifier input allow the
designer greater flexibility in choosing amethod for current sensing. Unlike its predecessor, RSET controls only
oscillator charging current and has no effect on clamping the maximum multiplier output current. This current is
now clamped to a maximum of 2
× I
AC at all times which simplifies the design process and provides foldback
power limiting during brownout and extreme low line conditions.
ORDERING INFORMATION
UVLO
UVLO
PART NUMBERS
TURN-ON
TURN-OFF
TA
CDIP-16
PDIP-16
SOIC-16
PLCC-20
(V)
(V)
(V)
(N)
(DW)
(Q)
16
10
–55
°C to 125°C
10.5
10
UC1854BJ
16
10
UC2854AJ
UC2854AN
UC2854ADW
UC2854AQ
–40
°C to 85°C
10.5
10
UC2854BJ
UC2854BN
UC2854BDW
UC2854BQ
16
10
UC2854AN
UC2854ADW
0
°C to 70°C
10.5
10
UC2854BN
UC2854BDW
over operating free-air temperature range (unless otherwise noted)
(1)
UCX854A, UCX854B
UNIT
VCC
Supply voltage
22
V
Continuous
0.5
IGTDRV
GTDRV current
A
50% duty cycle
1.5
VSENSE, VRMS, ISENSE MOUT
11
Input voltage
V
PKLMT
5
Input current
RSET, IAC, PKLMT, ENA
10
mA
Power dissipation
1
W
TJ
Junction temperature
–55 to 150
Tstg
Storage temperature
–65 to 150
°C
Tsol
Lead temperataure, 1,6 mm (1/16 inch) from case for 10 seconds
300
(1)
Stresses beyond those listed under absolutemaximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periodsmayaffect device reliability. All voltages
arewith respect to GND. Currents are positive into and negative out of, the specified terminal. ENA input is internally clamped to
approximately 10 V.
2
Submit Documentation Feedback
Copyright © 2003–2008, Texas Instruments Incorporated
Product Folder Link(s): UC1854A UC2854A, UC2854B UC3854A, UC3854B


Numéro de pièce similaire - UC2854AN

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2854AN TI-UC2854AN Datasheet
455Kb / 16P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854AN TI1-UC2854AN Datasheet
741Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854ANG4 TI1-UC2854ANG4 Datasheet
741Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
More results

Description similaire - UC2854AN

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2854B-EP TI1-UC2854B-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   Advanced High-Power Factor Preregulator
UC1854B TI-UC1854B Datasheet
455Kb / 16P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC1854A TI1-UC1854A_13 Datasheet
741Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854B-EP TI1-UC2854B-EP Datasheet
263Kb / 13P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854B-EP TI-UC2854B-EP_15 Datasheet
893Kb / 36P
[Old version datasheet]   UC2854B-EP Advanced High-Power Factor Preregulator
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com