Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2845A Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC2845A
Description  CURRENT-MODE PWM CONTROLLER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC2845A Fiches technique(HTML) 1 Page - Texas Instruments

  UC2845A Datasheet HTML 1Page - Texas Instruments UC2845A Datasheet HTML 2Page - Texas Instruments UC2845A Datasheet HTML 3Page - Texas Instruments UC2845A Datasheet HTML 4Page - Texas Instruments UC2845A Datasheet HTML 5Page - Texas Instruments UC2845A Datasheet HTML 6Page - Texas Instruments UC2845A Datasheet HTML 7Page - Texas Instruments UC2845A Datasheet HTML 8Page - Texas Instruments UC2845A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
UC2842AQ, UC2843AQ, UC2844AQ, UC2845AQ
CURRENT-MODE PWM CONTROLLER
SGLS164 – APRIL 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Extended Temperature Performance of
–40
°C to 125°C
D Optimized for Off-line and DC to DC
Converters
D Low Start Up Current (<0.5 mA)
D Trimmed Oscillator Discharge Current
D Automatic Feed Forward Compensation
D Pulse-by-Pulse Current Limiting
D Enhanced Load Response Characteristics
D Under-Voltage Lockout With Hysteresis
D Double Pulse Suppression
D High Current Totem Pole Output
D Internally Trimmed Bandgap Reference
D 500 kHz Operation
D Low RO Error Amp
description
The UC2842A/3A/4A/5A family of control ICs is a pin for pin compatible improved version of the UC2842/3/4/5
family. Providing the necessary features to control current mode switched mode power supplies, this family has the
following improved features. Start up current is guaranteed to be less than 0.5 mA. Oscillator discharge is trimmed
to 8.3 mA. During under voltage lockout, the output stage can sink at least 10 mA at less than 1.2 V for VCC over
5 V.
The difference between members of this family are shown in the table below.
PART NUMBER
UVLO ON
UVLO OFF
MAXIMUM DUTY CYCLE
UC2842A
16 V
10 V
<100%
UC2843A
8.5 V
7.9 V
<100%
UC2844A
16 V
10 V
<50%
UC2845A
8.5 V
7.9 V
<50%
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
D 8-PIN PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
COMP
VFB
ISENSE
RT/CT
VREF
VCC
OUTPUT
GND
D 14-PIN PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
COMP
NC
VFB
NC
ISENSE
NC
RT/CT
VREF
NC
VCC
VC
OUTPUT
GND
PWR GND


Numéro de pièce similaire - UC2845A

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
UC2845A STMICROELECTRONICS-UC2845A Datasheet
167Kb / 16P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC2845A STMICROELECTRONICS-UC2845A Datasheet
129Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Microsemi Corporation
UC2845A MICROSEMI-UC2845A Datasheet
227Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC2845A TI-UC2845A Datasheet
517Kb / 7P
[Old version datasheet]   Current Mode PWM Controller
UC2845A TI-UC2845A Datasheet
591Kb / 15P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLER
More results

Description similaire - UC2845A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com