Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2845A Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC2845A
Description  CURRENT-MODE PWM CONTROLLER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC2845A Fiches technique(HTML) 4 Page - Texas Instruments

  UC2845A Datasheet HTML 1Page - Texas Instruments UC2845A Datasheet HTML 2Page - Texas Instruments UC2845A Datasheet HTML 3Page - Texas Instruments UC2845A Datasheet HTML 4Page - Texas Instruments UC2845A Datasheet HTML 5Page - Texas Instruments UC2845A Datasheet HTML 6Page - Texas Instruments UC2845A Datasheet HTML 7Page - Texas Instruments UC2845A Datasheet HTML 8Page - Texas Instruments UC2845A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
UC2842AQ, UC2843AQ, UC2844AQ, UC2845AQ
CURRENT-MODE PWM CONTROLLER
SGLS164 – APRIL 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†‡
VCC voltage (low impedance source)
30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VCC voltage (ICC mA)
self limiting
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current, IO
±1 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output energy (capacitive load)
5
µJ
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog Inputs (pins 3, 5)
–0.3 V to 6.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Error Amp Output Sink current
10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation at TA < +25_C (D package)
1 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 1): D (8-pin) package
97
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
_C to 150_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature soldering 1,6 mm (1/16 inch) from case for 10 seconds
260
_C
. . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
‡ Unless otherwise indicated, voltages are reference to ground and currents are positive into and negative out of the specified terminals.
NOTE 1: Long term high–temperature storage and/or extended use at maximum recommended operating conditions may result in a reduction of
overall device life. See http://www.ti.com/ep_quality for additional information on enhanced plastic packaging.
electrical characteristics, TA = –40_C to 125_C, VCC = 15 V (see Note 1), RT = 10 kΩ, CT = 3.3 nF, and
TA = TJ (unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Reference Section
Output voltage
TJ = 25_C,
IO = 1 mA
4.95
5.0
5.05
V
Line regulation voltage
VIN = 12 V to 25 V
6
20
mV
Load regulation voltage
IO = 1 mA to 20 mA
6
25
mV
Temperature stability
See Notes 2 and 3
0.2
0.4
mV/
_C
Total output variation voltage
Line, Load, Temp.
4.9
5.1
V
Output noise voltage
f = 10 Hz to 10 kHz,
See Note 2
TJ = 25_C
50
µV
Long term stability
1000 hours,
See Note 2
TA = 125_C
5
25
mV
Output short-circuit current
–30
–100
–180
mA
Oscillator Section
Initial accuracy
See Note 4
TJ = 25_C
47
52
57
kHz
Voltage stability
VCC = 12 V to 25 V
0.2
1
%
Temperature stability
TA = MIN to MAX, See Note 2
5
%
Amplitude peak-to-peak
V pin 7,
See Note 2
1.7
V
Discharge current
V pin 7
2 V
See Note 5
TJ = 25_C
7.8
8.3
8.8
mA
Discharge current
V pin 7 = 2 V,
See Note 5
TJ = Full range
7.5
8.8
mA


Numéro de pièce similaire - UC2845A

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
UC2845A STMICROELECTRONICS-UC2845A Datasheet
167Kb / 16P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC2845A STMICROELECTRONICS-UC2845A Datasheet
129Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Microsemi Corporation
UC2845A MICROSEMI-UC2845A Datasheet
227Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC2845A TI-UC2845A Datasheet
517Kb / 7P
[Old version datasheet]   Current Mode PWM Controller
UC2845A TI-UC2845A Datasheet
591Kb / 15P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLER
More results

Description similaire - UC2845A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com