Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2854ADW Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC2854ADW
Description  ADVANCED HIGH-POWER FACTOR PREREGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC2854ADW Fiches technique(HTML) 8 Page - Texas Instruments

Back Button UC2854ADW Datasheet HTML 4Page - Texas Instruments UC2854ADW Datasheet HTML 5Page - Texas Instruments UC2854ADW Datasheet HTML 6Page - Texas Instruments UC2854ADW Datasheet HTML 7Page - Texas Instruments UC2854ADW Datasheet HTML 8Page - Texas Instruments UC2854ADW Datasheet HTML 9Page - Texas Instruments UC2854ADW Datasheet HTML 10Page - Texas Instruments UC2854ADW Datasheet HTML 11Page - Texas Instruments UC2854ADW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
www.ti.com
FUNCTIONAL DESCRIPTION
Multiply/Square and Divide
The UC3854A/B multiplier design maintains the same gain constant
1
K
V
-
æ
ö
=
ç
÷
è
ø
as the UC3854. The
(
)
(
)2
1 5
VAO
MOUT
IAC
VRMS
V
. V
I
I
K
V
-
=
´
´
(1)
270 1 414
1 53
250
IAC
.
R
.
M
A
m
´
=
=
W
(2)
UC1854A
UC2854A, UC2854B
UC3854A, UC3854B
SLUS329E – MONTH 2003 – REVISED JANUARY 2008
The UC3854A and UC3854B family of products are designed as pin compatible upgrades to the industry
standard UC3854 active power factor correction circuits. The circuit enhancements allow the user to eliminate in
most cases several external components currently required to successfully apply the UC3854. In addition,
linearity improvements to the multiply, square and divide circuitry optimizes overall system performance. Detailed
descriptions of the circuit enhancements are provided below. For in-depth design applications reference data
refer to the application notes, UC3854 Controlled Power Factor Correction Circuit Design (SLUA144) and
UC3854A and UC3854B Advanced Power Factor Correction Control ICs (SLUA177).
relationship between the inputs and output current is given as:
This is nearly the same as the UC3854, but circuit differences have improved the performance and application.
The first difference is with the IAC input. The UC3854A/B regulated this pin voltage to the nominal 500 mV over
the full operating temperature range, rather than the 6.0 V used on the UC3854. The low offset voltage
eliminates the need for a line zero crossing compensating resistor to VREF from IAC that UC3854 designs
require. The maximum current at high line into IAC should be limited to 250
µA for best performance.
Therefore, if VVAC(max) = 270 V,
The VRMS pin linear operating range is improved with the UC3854A/B as well. The input range for VRMS extends
from 0 V to 5.5 V. Since the UC3854A squaring circuit employs an analog multiplier, rather than a linear
approximation, accuracy is improved, and discontinuities are eliminated. The external divider network connected
to VRMS should produce 1.5 V at low line (85 VAC). This puts 4.77 V on VRMS at high line (270 VAC) which is
well within its operating range.
The voltage amplifier output forms the third input to the multiplier and is internally clamped to 6.0 V. This
eliminated an external zener clamp often used in UC3854 designs. The offset voltage at this input to the
multiplier has been raised on the UC3854A/B to 1.5 V.
The multiplier output pin, which is also common to the current amplifier non-inverting input, has a –0.3 V to 5.0 V
output range, compared to the –0.3 V to 2.5 V range of the UC3854. This improvement allows the UC3854A/B to
be used in applications where the current sense signal amplitude is very large.
8
Submit Documentation Feedback
Copyright © 2003–2008, Texas Instruments Incorporated
Product Folder Link(s): UC1854A UC2854A, UC2854B UC3854A, UC3854B


Numéro de pièce similaire - UC2854ADW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2854ADW TI-UC2854ADW Datasheet
455Kb / 16P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854ADW TI1-UC2854ADW Datasheet
741Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854ADWG4 TI1-UC2854ADWG4 Datasheet
741Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854ADWTR TI1-UC2854ADWTR Datasheet
741Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854ADWTRG4 TI1-UC2854ADWTRG4 Datasheet
741Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
More results

Description similaire - UC2854ADW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2854B-EP TI1-UC2854B-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   Advanced High-Power Factor Preregulator
UC1854B TI-UC1854B Datasheet
455Kb / 16P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC1854A TI1-UC1854A_13 Datasheet
741Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854B-EP TI1-UC2854B-EP Datasheet
263Kb / 13P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854B-EP TI-UC2854B-EP_15 Datasheet
893Kb / 36P
[Old version datasheet]   UC2854B-EP Advanced High-Power Factor Preregulator
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com