Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2854DWG4 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce UC2854DWG4
Description  High Power Factor Preregulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC2854DWG4 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button UC2854DWG4 Datasheet HTML 2Page - Texas Instruments UC2854DWG4 Datasheet HTML 3Page - Texas Instruments UC2854DWG4 Datasheet HTML 4Page - Texas Instruments UC2854DWG4 Datasheet HTML 5Page - Texas Instruments UC2854DWG4 Datasheet HTML 6Page - Texas Instruments UC2854DWG4 Datasheet HTML 7Page - Texas Instruments UC2854DWG4 Datasheet HTML 8Page - Texas Instruments UC2854DWG4 Datasheet HTML 9Page - Texas Instruments UC2854DWG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TYPICAL CHARACTERISTICS at TA = TJ = 25
oC (cont.)
UC1854
UC2854
UC3854
IAC,
µA
Mult Out
µA
0
100
200
300
400
500
600
0
100
200
300
400
500
VRMS=1.5V
VA Out=1.25V
VA Out=2.5V
VA Out=3.5V
IAC,
µA
Mult Out
µA
0
50
100
150
200
250
0
100
200
300
400
500
VRMS=3V
VA Out=1.25V
VA Out=2V
VA Out=3V
VA Out=5V
IAC,
µA
Mult Out,
µA
0
20
40
60
80
100
120
140
0
100
200
300
400
500
VRMS=5V
VA Out=5V
VA Out=1.5V
VA Out=3V
IAC,
µA
Mult Out
µA
0
20
40
60
80
100
120
140
160
0
100
200
300
400
500
VRMS=4V
VA Out=1.25V
VA Out=2V
VA Out=3V
VA Out=4V
VA Out=5V
Multiplier Output vs Multiplier Inputs with Mult Out=0V
APPLICATIONS INFORMATION
A 250W PREREGULATOR
The circuit of Figure 1 shows a typical application of the
UC3854 as a preregulator with high power factor and effi-
ciency. The assembly consists of two distinct parts, the
control circuit centering on the UC3854 and the power
section.
The power section is a "boost" converter, with the induc-
tor operating in the continuous mode. In this mode, the
duty cycle is dependent on the ratio between input and
output voltages; also, the input current has low switching
frequency ripple, which means that the line noise is low.
Furthermore, the output voltage must be higher than the
peak value of the highest expected AC line voltage, and
all components must be rated accordingly.
In the control section, the UC3854 provides PWM pulses
(GT Drv, Pin 16) to the power MOSFET gate. The duty
cycle of this output is simultaneously controlled by four
separate inputs to the chip:
INPUT
PIN #
FUNCTION
VSENSE........................ 11 .......... Output DC Voltage
IAC.................................6 .......... LineVoltage Waveform
ISENSE/Mult Out .........4/5 .......... Line Current
VRMS .............................8 .......... RMS Line Voltage
Additional controls of an auxiliary nature are provided.
They are intended to protect the switching power MOS-
FETS from certain transient conditions, as follows:
INPUT
PIN #
FUNCTION
ENA ............................10 .......... Start-Up Delay
SS ...............................13 .......... Soft Start
PKLIM ...........................2 .......... Maximum Current Limit
6


Numéro de pièce similaire - UC2854DWG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2854DWG4 TI-UC2854DWG4 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
UC2854DWG4 TI1-UC2854DWG4 Datasheet
312Kb / 12P
[Old version datasheet]   High Power Factor Preregulator
More results

Description similaire - UC2854DWG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
logo
Texas Instruments
UC1853 TI1-UC1853_08 Datasheet
401Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1852 TI-UC1852 Datasheet
210Kb / 6P
[Old version datasheet]   High Power-Factor Preregulator
UC1852 TI-UC1852_V01 Datasheet
802Kb / 10P
[Old version datasheet]   High Power-Factor Preregulator
UC3854N-F TI1-UC3854N-F Datasheet
312Kb / 12P
[Old version datasheet]   High Power Factor Preregulator
UC1852 TI1-UC1852_08 Datasheet
405Kb / 10P
[Old version datasheet]   High Power-Factor Preregulator
UC1853 TI-UC1853 Datasheet
204Kb / 6P
[Old version datasheet]   High Power Factor Preregulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com