Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC3526ADWTR Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC3526ADWTR
Description  Regulating Pulse Width Modulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC3526ADWTR Fiches technique(HTML) 5 Page - Texas Instruments

  UC3526ADWTR Datasheet HTML 1Page - Texas Instruments UC3526ADWTR Datasheet HTML 2Page - Texas Instruments UC3526ADWTR Datasheet HTML 3Page - Texas Instruments UC3526ADWTR Datasheet HTML 4Page - Texas Instruments UC3526ADWTR Datasheet HTML 5Page - Texas Instruments UC3526ADWTR Datasheet HTML 6Page - Texas Instruments UC3526ADWTR Datasheet HTML 7Page - Texas Instruments UC3526ADWTR Datasheet HTML 8Page - Texas Instruments UC3526ADWTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
APPLICATIONS INFORMATION
Voltage Reference
The reference regulator of the UC1526A is based on a
precision band-gap reference, internally trimmed to
±1%
accuracy. The circuitry is fully active at supply voltages
above +7V, and provides up to 20mA of load current to
external circuitry at +5.0V. In systems where additional
current is required, an external PNP transistor can be
used to boost the available current. A rugged low fre-
quency audio-type transistor should be used, and lead
lengths between the PWM and transistor should be as
short as possible to minimize the risk of oscillations.
Even so, some types of transistors may require collec-
tor-base capacitance for stability. Up to 1 amp of load
current can be obtained with excellent regulation if the
device selected maintains high current gain.
Soft-Start Circuit
The soft-start circuit protects the power transistors and
rectifier diodes from high current surges during power
supply turn-on. When supply voltage is first applied to
the UC1526A, the under-voltage lockout circuit holds
RESET LOW with Q3. Q1 is turned on, which holds the
soft-start capacitor voltage at zero. The second collector
of Q1 clamps the output of the error amplifier to ground,
guaranteeing zero duty cycle at the driver outputs.
When the supply voltage reaches normal operating
range, RESET will go HIGH. Q1 turns off, allowing the
internal 100
µA current source to charge CS. Q2 clamps
the error amplifier output to 1VBE above the voltage on
CS. As the soft-start voltage ramps up to +5V, the duty
cycle of the PWM linearly increases to whatever value
the voltage regulation loop requires for an error null.
Under-Voltage Lockout
The under-voltage lockout circuit protects the UC1526A
and the power devices it controls from inadequate sup-
ply voltage, If +VIN is too low, the circuit disables the
output drivers and holds the RESET pin LOW. This pre-
vents spurious output pulses while the control circuitry is
stabilizing, and holds the soft-start timing capacitor in a
discharged state.
The circuit consists of a +1.2V bandgap reference and
comparator circuit which is active when the reference
voltage has risen to 3VBE or +1.8V at 25°C. When the
reference voltage rises to approximately +4.4V, the cir-
cuit enables the output drivers and releases the RESET
pin, allowing a normal soft-start. The comparator has
350mV of hysteresis to minimize oscillation at the trip
point. When +VIN to the PWM is removed and the refer-
ence drops to +4.2V, the under-voltage circuit pulls RE-
SET LOW again. The soft-start capacitor is immediately
discharged, and the PWM is ready for another soft-start
cycle.
The UC1526A can operate from a +5V supply by con-
necting the VREF pin to the +VIN pin and maintaining the
supply between +4.8 and +5.2V.
Digital Control Ports
The three digital control ports of the UC1526A are bi-di-
rectional. Each pin can drive TTL and 5V CMOS logic di-
rectly, up to a fan-out of 10 low-power Schottky gates.
Each pin can also be directly driven by open-collector
TTL, open-drain CMOS, and open-collector voltage
comparators; fan-in is equivalent to 1 low-power Schot-
tky gate. Each port is normally HIGH; the pin is pulled
LOW to activate the particular function. Driving SYNC
LOW initiates a discharge cycle in the oscillator. Pulling
SHUTDOWN LOW immediately inhibits all PWM output
pulses. Holding RESET LOW discharges the soft-start
Figure 1. Extending Reference Output Current
Figure 2. Under-Voltage Lockout Schematic
Figure 3. Soft-Start Circuit Schematic
UC1526A
UC2526A
UC3526A
5


Numéro de pièce similaire - UC3526ADWTR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC3526ADWTR TI-UC3526ADWTR Datasheet
594Kb / 11P
[Old version datasheet]   Regulating Pulse Width Modulator
UC3526ADWTRG4 TI-UC3526ADWTRG4 Datasheet
594Kb / 11P
[Old version datasheet]   Regulating Pulse Width Modulator
More results

Description similaire - UC3526ADWTR

FabricantNo de pièceFiches techniqueDescription
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
[Old version datasheet]   Regulating Pulse Width Modulator
UC1526 TI-UC1526_07 Datasheet
757Kb / 13P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Intersil Corporation
CA1524 INTERSIL-CA1524 Datasheet
206Kb / 16P
   Regulating Pulse Width Modulator
October 2000
logo
Linear Technology
LT1524 LINER-LT1524 Datasheet
726Kb / 8P
   Regulating Pulse Width Modulator
logo
Microsemi Corporation
SG1526B MICROSEMI-SG1526B Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UC1526AJ TI-UC1526AJ Datasheet
545Kb / 10P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Linear Technology
LT1526 LINER-LT1526 Datasheet
659Kb / 8P
   Regulating Pulse Width Modulator?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com