Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2854A Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC2854A
Description  ADVANCED HIGH-POWER FACTOR PREREGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC2854A Fiches technique(HTML) 5 Page - Texas Instruments

  UC2854A Datasheet HTML 1Page - Texas Instruments UC2854A Datasheet HTML 2Page - Texas Instruments UC2854A Datasheet HTML 3Page - Texas Instruments UC2854A Datasheet HTML 4Page - Texas Instruments UC2854A Datasheet HTML 5Page - Texas Instruments UC2854A Datasheet HTML 6Page - Texas Instruments UC2854A Datasheet HTML 7Page - Texas Instruments UC2854A Datasheet HTML 8Page - Texas Instruments UC2854A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS (Continued)
(2)
Gain constant.
( )
(
)
(
)2
1 5
IAC
VAO
VRMS
MOUT
I
V
. V
K
V
I
´
-
=
é
ù
´
ë
û
UC1854A
UC2854A, UC2854B
UC3854A, UC3854B
SLUS329E – MONTH 2003 – REVISED JANUARY 2008
VCC = 18 V, RT = 8.2 kΩ, CT = 1.5 nF, VPKLMT = 1 V, VVRMS = 1.5 V, IIAC = 100 µA, IISENSE = 0 V, VCAO = 3.5 V, VVAO = 5 V,
VVSENSE = 3 V, –40°C < TA < 85°C for the UC2854A and UC2854B, and 0°C < TA < 70°C for the UC3854A and UC3854B,
and TA = TJ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OSCILLATOR
Initial accuracy
TA = 25°C
85
100
115
kHz
Voltage stability
12 V
≤ VCC ≤ 18 V
1%
Total variation
Line, temperature
80
120
kHz
Ramp amplitude (peak-to-peak)
4.9
5.9
V
Ramp valley voltage
0.8
1.3
V
ENABLE/SOFT-START/CURRENT LIMIT
Enable threshold voltage
2.35
2.55
2.80
V
Enaable hysteresis
VFAULT = 2.5 V
500
600
mV
Enable input bias current
VENA = 0 V
–2
–5
µA
Propagation delay to disable time(1)
Enable overdrive = 100 mV
300
ns
Soft-start charge current
VSS = 2.5 V
10
14
24
µA
Peak limit offset voltage
–15
15
mV
Peak limit offset current
VPKLMIT = –0.1 V
–200
–100
µA
Peak limit propagation delay time(1)
150
ns
MULTIPLIER
IAC = 100 µA,
VRMS = 1 V,
Output current, IA limited
–220
–200
–170
µA
RSET = 10 kΩ
Output current, zero
IAC = 0 µA,
RSET = 10 kΩ
–2.0
–0.2
2.0
µA
Output current, power limited
VRMS = 1.5 V
Va = 6 V
–230
–200
–170
µA
VRMS = 1.5 V
Va = 2 V
–22
VRMS = 1.5 V
Va = 5 V
–156
Output current
µA
VRMS = 5 V
Va = 2 V
–2
VRMS = 5 V
Va = 5 V
–14
Gain constant(2)
VRMS = 1.5 V
Va = 6 V, TA = 25°C
–1.1
–1.0
–0.9
A/A
GATE DRIVER
VOH
High-level output voltage
IOUT = –200 mA,
VCC = 15 V
12.0
12.8
V
VOL
Low-level output voltage
IOUT = 200 mA
1.0
2.2
V
IOUT = 10 mA
300
500
mV
Low-level UVLO voltage
IOUT = 50 mA,
VCC = 0 V
0.9
1.5
V
Output rise time(1)
CLOAD = 1 nF
35
ns
Output fall time(1)
CLOAD = 1 nF
35
ns
Output peak current(1)
CLOAD = 10 nF
1.0
A
(1)
Ensured by design. Not production tested.
Copyright © 2003–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): UC1854A UC2854A, UC2854B UC3854A, UC3854B


Numéro de pièce similaire - UC2854A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2854A TI-UC2854A Datasheet
188Kb / 7P
[Old version datasheet]   Enhanced High Power Factor Preregulator
UC2854A TI-UC2854A Datasheet
455Kb / 16P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854A TI1-UC2854A Datasheet
741Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854ADW TI-UC2854ADW Datasheet
455Kb / 16P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854ADW TI1-UC2854ADW Datasheet
741Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
More results

Description similaire - UC2854A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2854B-EP TI1-UC2854B-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   Advanced High-Power Factor Preregulator
UC1854B TI-UC1854B Datasheet
455Kb / 16P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC1854A TI1-UC1854A_13 Datasheet
741Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854B-EP TI1-UC2854B-EP Datasheet
263Kb / 13P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854B-EP TI-UC2854B-EP_15 Datasheet
893Kb / 36P
[Old version datasheet]   UC2854B-EP Advanced High-Power Factor Preregulator
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com