Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2848 Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce UC2848
Description  Average Current Mode PWM Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC2848 Fiches technique(HTML) 2 Page - Texas Instruments

  UC2848 Datasheet HTML 1Page - Texas Instruments UC2848 Datasheet HTML 2Page - Texas Instruments UC2848 Datasheet HTML 3Page - Texas Instruments UC2848 Datasheet HTML 4Page - Texas Instruments UC2848 Datasheet HTML 5Page - Texas Instruments UC2848 Datasheet HTML 6Page - Texas Instruments UC2848 Datasheet HTML 7Page - Texas Instruments UC2848 Datasheet HTML 8Page - Texas Instruments UC2848 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
UC1848
UC2848
UC3848
Supply Voltage (Pin 15) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22V
Output Current, Source or Sink (Pin 14)
DC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5A
Pulse (0.5 s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.2A
Power Ground to Ground (Pin 1 to Pin 13) . . . . . . . . . . .
± 0.2V
Analog Input Voltages
(Pins 3, 4, 7, 8, 12, 16) . . . . . . . . . . . . . . . . . . . . . –0.3 to 7V
Analog Input Currents, Source or Sink
(Pins 3, 4, 7, 8, 11, 12, 16) . . . . . . . . . . . . . . . . . . . . . . 1mA
Analog Output Currents, Source or Sink (Pins 5 & 10) . . . 5mA
Power Dissipation at TA = 60°C . . . . . . . . . . . . . . . . . . . . . . 1W
Storage Temperature Range
...............−65°C to +150°C
Lead Temperature (Soldering 10 seconds) . . . . . . . . . . +300
°C
ABSOLUTE MAXIMUM RATINGS
PACKAGE PIN FUNCTION
FUNCTION
PIN
N/C
1
GND
2
VREF
3
NI
4
INV
5
N/C
6
CAO
7
CT
8
VS
9
DMAX
10
N/C
11
CDC
12
CI
13
IOFF
14
ION
15
N/C
16
PGND
17
OUT
18
VCC
19
UV
20
PLCC-20 & LCC-20
(Top View)
Q & L Packages
CONNECTION DIAGRAMS
DIL-16, SOIC-16 (Top View)
J, N, or DW Packages
Package
QJA
QJC
DIL-16J
80-120
28
(2)
DIL-16N
90
(1)
45
SOIC-16DW
50-100
(1)
27
PLCC-20
43-75
(1)
34
LCC-20
70-80
20
(2)(3)
THERMAL RATINGS TABLE
Q
Q
Q


Numéro de pièce similaire - UC2848

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2848 TI-UC2848 Datasheet
359Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller
UC2848 TI-UC2848 Datasheet
1,002Kb / 17P
[Old version datasheet]   Average Current Mode PWM Controller
More results

Description similaire - UC2848

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC3848N TI-UC3848N Datasheet
1,002Kb / 17P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848 TI-UC1848 Datasheet
359Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller
UC3886N TI1-UC3886N Datasheet
206Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller IC
UC1886 TI-UC1886 Datasheet
292Kb / 8P
[Old version datasheet]   Average Current Mode PWM Controller IC
UC2886 TI1-UC2886_14 Datasheet
257Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller IC
UCC1839 TI-UCC1839 Datasheet
210Kb / 6P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UCC2839 TI1-UCC2839_13 Datasheet
252Kb / 7P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC1849 TI-UC1849 Datasheet
542Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC1826 TI-UC1826 Datasheet
506Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC2849DW TI-UC2849DW Datasheet
532Kb / 21P
[Old version datasheet]   SECONDARY SIDE AVERAGE CURRENT MODE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com