Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC1526AJ Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC1526AJ
Description  Regulating Pulse Width Modulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC1526AJ Fiches technique(HTML) 1 Page - Texas Instruments

  UC1526AJ Datasheet HTML 1Page - Texas Instruments UC1526AJ Datasheet HTML 2Page - Texas Instruments UC1526AJ Datasheet HTML 3Page - Texas Instruments UC1526AJ Datasheet HTML 4Page - Texas Instruments UC1526AJ Datasheet HTML 5Page - Texas Instruments UC1526AJ Datasheet HTML 6Page - Texas Instruments UC1526AJ Datasheet HTML 7Page - Texas Instruments UC1526AJ Datasheet HTML 8Page - Texas Instruments UC1526AJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
BLOCK DIAGRAM
UC1526A
UC2526A
UC3526A
Regulating Pulse Width Modulator
FEATURES
Reduced Supply Current
Oscillator Frequency to 600kHz
Precision Band-Gap Reference
7 to 35V Operation
Dual 200mA Source/Sink Outputs
Minimum Output Cross-Conduction
Double-Pulse Suppression Logic
Under-Voltage Lockout
Programmable Soft-Start
Thermal Shutdown
TTL/CMOS Compatible Logic Ports
5 Volt Operation (VIN = VC = VREF = 5.0V)
DESCRIPTION
The UC1526A Series are improved-performance pulse-width modu-
lator circuits intended for direct replacement of equivalent non- “A”
versions in all applications. Higher frequency operation has been
enhanced by several significant improvements including: a more ac-
curate oscillator with less minimum dead time, reduced circuit de-
lays (particularly in current limiting), and an improved output stage
with negligible cross-conduction current. Additional improvements
include the incorporation of a precision, band-gap reference gener-
ator, reduced overall supply current, and the addition of thermal
shutdown protection.
Along with these improvements, the UC1526A Series retains the
protective features of under-voltage lockout, soft-start, digital cur-
rent limiting, double pulse suppression logic, and adjustable
deadtime. For ease of interfacing, all digital control ports are TTL
compatible with active low logic.
Five volt (5V) operation is possible for “logic level” applications by
connecting VIN, VC and VREF to a precision 5V input supply. Consult
factory for additional information.
6/93


Numéro de pièce similaire - UC1526AJ

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1526AJ TI-UC1526AJ Datasheet
594Kb / 11P
[Old version datasheet]   Regulating Pulse Width Modulator
UC1526AJ TI-UC1526AJ Datasheet
545Kb / 10P
[Old version datasheet]   Regulating Pulse Width Modulator
UC1526AJ883B TI-UC1526AJ883B Datasheet
594Kb / 11P
[Old version datasheet]   Regulating Pulse Width Modulator
More results

Description similaire - UC1526AJ

FabricantNo de pièceFiches techniqueDescription
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
[Old version datasheet]   Regulating Pulse Width Modulator
UC1526 TI-UC1526_07 Datasheet
757Kb / 13P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Intersil Corporation
CA1524 INTERSIL-CA1524 Datasheet
206Kb / 16P
   Regulating Pulse Width Modulator
October 2000
logo
Linear Technology
LT1524 LINER-LT1524 Datasheet
726Kb / 8P
   Regulating Pulse Width Modulator
logo
Microsemi Corporation
SG1526B MICROSEMI-SG1526B Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UC1526AJ TI-UC1526AJ Datasheet
545Kb / 10P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Linear Technology
LT1526 LINER-LT1526 Datasheet
659Kb / 8P
   Regulating Pulse Width Modulator?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com