Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS5A23157 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TS5A23157
Description  SPDT ANALOG SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TS5A23157 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TS5A23157 Datasheet HTML 3Page - Texas Instruments TS5A23157 Datasheet HTML 4Page - Texas Instruments TS5A23157 Datasheet HTML 5Page - Texas Instruments TS5A23157 Datasheet HTML 6Page - Texas Instruments TS5A23157 Datasheet HTML 7Page - Texas Instruments TS5A23157 Datasheet HTML 8Page - Texas Instruments TS5A23157 Datasheet HTML 9Page - Texas Instruments TS5A23157 Datasheet HTML 10Page - Texas Instruments TS5A23157 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
TS5A23157
10 W SPDT ANALOG SWITCH
SCDS165 − MAY 2004
www.ti.com
7
TYPICAL PERFORMANCE
Figure 1. ron vs VCOM
0
20
40
60
80
100
120
140
0
1234
5
VCOM −V
V+ = 1.65 V
V+ = 2.3 V
V+ = 3 V
V+ = 4.5 V
TA = 255C
Figure 2. ron vs VCOM (V+ = 3 V)
4
8
12
16
20
0
0.5
1
1.5
2
2.5
3
3.5
TA = +855C
TA = +255C
TA = -405C
VCOM − V
Figure 3. ron vs VCOM (V+ = 5 V)
4
6
8
10
01
2
3
4
5
VCOM − V
TA = +85°C
TA = +25°C
TA = −40°C
Figure 4. Leakage Current vs Temperature
(V+ = 5.5 V)
Temperature −
5C
−1
0
1
2
3
4
5
−60
−40
−20
0
20
40
60
80
100
INC(OFF), INO(OFF),
INC(ON), INO(ON), and
ICOM(ON)
OFF
ON
tON
tOFF
0
2
4
6
8
10
12
1.5
2
2.5
3
3.5
4
4.5
5
5.5
V+ − Supply Voltage − V
Figure 5. tON and tOFF vs V+
TA = 25°C
Figure 6. tON and tOFF vs Temperature (V+ = 5 V)
0
1
2
3
4
5
−60
−40
−20
0
20
40
60
80
100
tON
tOFF
TA − Temperature − 5C


Numéro de pièce similaire - TS5A23157

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A23157 TI-TS5A23157 Datasheet
672Kb / 23P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A23157 TI1-TS5A23157 Datasheet
1,003Kb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A23157-Q1 TI1-TS5A23157-Q1 Datasheet
276Kb / 17P
[Old version datasheet]   DUAL 15-W SPDT ANALOG SWITCH
TS5A23157-Q1 TI1-TS5A23157-Q1 Datasheet
784Kb / 21P
[Old version datasheet]   DUAL 15-廓 SPDT ANALOG SWITCH
TS5A23157-Q1 TI1-TS5A23157-Q1_14 Datasheet
784Kb / 21P
[Old version datasheet]   DUAL 15-廓 SPDT ANALOG SWITCH
More results

Description similaire - TS5A23157

FabricantNo de pièceFiches techniqueDescription
logo
SG Micro Corp
SGM4684 SGMICRO-SGM4684_15 Datasheet
338Kb / 11P
   SPDT Analog Switch
SGM5018 SGMICRO-SGM5018_15 Datasheet
338Kb / 11P
   SPDT Analog Switch
logo
Protek Devices
PAM22LOPR2268 PROTEC-PAM22LOPR2268_15 Datasheet
331Kb / 11P
   SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM44603 SGMICRO-SGM44603 Datasheet
357Kb / 12P
   SPDT Analog Switch
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157_15 Datasheet
198Kb / 7P
   SPDT Analog Switch
logo
Texas Instruments
TS5A3160 TI1-TS5A3160_15 Datasheet
1Mb / 31P
[Old version datasheet]   SPDT Analog Switch
TS5A3159 TI-TS5A3159 Datasheet
232Kb / 21P
[Old version datasheet]   1 SPDT ANALOG SWITCH
TS5A3159-Q1 TI-TS5A3159-Q1 Datasheet
919Kb / 25P
[Old version datasheet]   1- SPDT ANALOG SWITCH
TS5A3157DCKRG4 TI1-TS5A3157DCKRG4 Datasheet
1Mb / 28P
[Old version datasheet]   10OHM SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM4157 SGMICRO-SGM4157_15 Datasheet
317Kb / 11P
   SPDT 1 Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com