Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST16C2450IQ48 Fiches technique(PDF) 10 Page - Exar Corporation

No de pièce ST16C2450IQ48
Description  2.97V TO 5.5V DUART
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXAR [Exar Corporation]
Site Internet  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C2450IQ48 Fiches technique(HTML) 10 Page - Exar Corporation

Back Button ST16C2450IQ48 Datasheet HTML 6Page - Exar Corporation ST16C2450IQ48 Datasheet HTML 7Page - Exar Corporation ST16C2450IQ48 Datasheet HTML 8Page - Exar Corporation ST16C2450IQ48 Datasheet HTML 9Page - Exar Corporation ST16C2450IQ48 Datasheet HTML 10Page - Exar Corporation ST16C2450IQ48 Datasheet HTML 11Page - Exar Corporation ST16C2450IQ48 Datasheet HTML 12Page - Exar Corporation ST16C2450IQ48 Datasheet HTML 13Page - Exar Corporation ST16C2450IQ48 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
ST16C2450
áç
áç
áç
áç
2.97V TO 5.5V DUART
REV. 4.0.0
10
2.9
Receiver
The receiver section contains an 8-bit Receive Shift Register (RSR) and 1 byte FIFO or Receive Holding
Register (RHR). The RSR uses the 16X clock for timing. It verifies and validates every bit on the incoming
character in the middle of each data bit. On the falling edge of a start or false start bit, an internal receiver
counter starts counting at the 16X clock rate. After 8 clocks the start bit period should be at the center of the
start bit. At this time the start bit is sampled and if it is still a logic 0 it is validated. Evaluating the start bit in this
manner prevents the receiver from assembling a false character. The rest of the data bits and stop bits are
sampled and validated in this same manner to prevent false framing. If there were any error(s), they are
reported in the LSR register bits 2-4. Once the data is received, the error tags are immediately updated to
reflect the status of the data byte in RHR register. RHR will generate a receive data ready interrupt upon
receiving a character if IER bit-0 has been enabled.
2.9.1
Receive Holding Register (RHR) - Read-Only
The Receive Holding Register is an 8-bit register that holds a receive data byte from the Receive Shift Register.
It provides the receive data interface to the host processor. The RHR register is part of the 1 byte receive FIFO
that is 11-bits wide, the 3 extra bits are for the 3 error tags to be reported in LSR register. After the RHR is read,
LSR bits 2-4 willl immediately be updated to reflect the errors for the next character byte transferred from the
RSR.
FIGURE 6. RECEIVER OPERATION
Receive Data Shift
Register (RSR)
Receive
Data Byte
and Errors
RHR Interrupt (ISR bit-2)
Receive Data
Holding Register
(RHR)
RXFIFO1
16X Clock
Receive Data Characters
Data Bit
Validation
Error
Tags in
LSR bits
4:2


Numéro de pièce similaire - ST16C2450IQ48

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
ST16C2450IQ48 EXAR-ST16C2450IQ48 Datasheet
525Kb / 30P
   2.97V TO 5.5V DUART
More results

Description similaire - ST16C2450IQ48

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
ST16C2450 EXAR-ST16C2450_05 Datasheet
525Kb / 30P
   2.97V TO 5.5V DUART
XR16C2450 EXAR-XR16C2450 Datasheet
694Kb / 31P
   2.97V TO 5.5V DUART
XR16C2550 EXAR-XR16C2550_07 Datasheet
688Kb / 37P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C2550 EXAR-ST16C2550_04 Datasheet
661Kb / 39P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
XR16C2550 EXAR-XR16C2550 Datasheet
813Kb / 38P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C1450 EXAR-ST16C1450 Datasheet
355Kb / 32P
   2.97V TO 5.5V UART
XR16L2450 EXAR-XR16L2450 Datasheet
511Kb / 30P
   2.25V TO 5.5V DUART
ST16C1450 EXAR-ST16C1450_05 Datasheet
614Kb / 28P
   2.97V TO 5.5V UART
XR16L2450 EXAR-XR16L2450_05 Datasheet
513Kb / 30P
   2.25V TO 5.5V DUART
XR16L788IQ-F EXAR-XR16L788IQ-F Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com