Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST16C2450IQ48 Fiches technique(PDF) 5 Page - Exar Corporation

No de pièce ST16C2450IQ48
Description  2.97V TO 5.5V DUART
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXAR [Exar Corporation]
Site Internet  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C2450IQ48 Fiches technique(HTML) 5 Page - Exar Corporation

  ST16C2450IQ48 Datasheet HTML 1Page - Exar Corporation ST16C2450IQ48 Datasheet HTML 2Page - Exar Corporation ST16C2450IQ48 Datasheet HTML 3Page - Exar Corporation ST16C2450IQ48 Datasheet HTML 4Page - Exar Corporation ST16C2450IQ48 Datasheet HTML 5Page - Exar Corporation ST16C2450IQ48 Datasheet HTML 6Page - Exar Corporation ST16C2450IQ48 Datasheet HTML 7Page - Exar Corporation ST16C2450IQ48 Datasheet HTML 8Page - Exar Corporation ST16C2450IQ48 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
áç
áç
áç
áç
ST16C2450
REV. 4.0.0
2.97V TO 5.5V DUART
5
Pin type: I=Input, O=Output, IO= Input/output, OD=Output Open Drain.
DSRB#
25
20
I
UART channel B Data-Set-Ready (active low) or general purpose input.
This input should be connected to VCC when not used. This input has
no effect on the UART.
CDB#
21
16
I
UART channel B Carrier-Detect (active low) or general purpose input.
This input should be connected to VCC when not used. This input has
no effect on the UART.
RIB#
26
21
I
UART channel B Ring-Indicator (active low) or general purpose input.
This input should be connected to VCC when not used. This input has
no effect on the UART.
OP2B#
15
9
O
Output Port 2 Channel B - The output state is defined by the user and
through the software setting of MCR[3]. INTB is set to the active mode
and OP2B# output to a logic 0 when MCR[3] is set to a logic 1. INTB is
set to the three state mode and OP2B# to a logic 1 when MCR[3] is set
to a logic 0. This output should not be used as a general output else it
will disturb the INTB output functionality. If it is not used, leave it uncon-
nected.
ANCILLARY SIGNALS
XTAL1
18
13
I
Crystal or external clock input.
XTAL2
19
14
O
Crystal or buffered clock output.
RESET
39
36
I
Reset (active high) - A longer than 40 ns logic 1 pulse on this pin will
reset the internal registers and all outputs. The UART transmitter out-
put will be held at logic 1, the receiver input will be ignored and outputs
are reset during reset period.
VCC
44
42
Pwr
2.97V to 5.5V power supply. All inputs are 5V tolerant for devices with
top marking of "A2 YYWW" and newer.
GND
22
17
Pwr
Power supply common, ground.
N.C.
1, 12, 23,
34
6, 12, 18,
24, 25, 31,
37, 43
-
No Connection. These pins are open, but typically, should be con-
nected to GND for good design practice.
Pin Description
NAME
44-PLCC
PIN #
48-TQFP
PIN #
TYPE
DESCRIPTION


Numéro de pièce similaire - ST16C2450IQ48

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
ST16C2450IQ48 EXAR-ST16C2450IQ48 Datasheet
525Kb / 30P
   2.97V TO 5.5V DUART
More results

Description similaire - ST16C2450IQ48

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
ST16C2450 EXAR-ST16C2450_05 Datasheet
525Kb / 30P
   2.97V TO 5.5V DUART
XR16C2450 EXAR-XR16C2450 Datasheet
694Kb / 31P
   2.97V TO 5.5V DUART
XR16C2550 EXAR-XR16C2550_07 Datasheet
688Kb / 37P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C2550 EXAR-ST16C2550_04 Datasheet
661Kb / 39P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
XR16C2550 EXAR-XR16C2550 Datasheet
813Kb / 38P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C1450 EXAR-ST16C1450 Datasheet
355Kb / 32P
   2.97V TO 5.5V UART
XR16L2450 EXAR-XR16L2450 Datasheet
511Kb / 30P
   2.25V TO 5.5V DUART
ST16C1450 EXAR-ST16C1450_05 Datasheet
614Kb / 28P
   2.97V TO 5.5V UART
XR16L2450 EXAR-XR16L2450_05 Datasheet
513Kb / 30P
   2.25V TO 5.5V DUART
XR16L788IQ-F EXAR-XR16L788IQ-F Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com