Moteur de recherche de fiches techniques de composants électroniques |
|
ST16C2450IJ44 Fiches technique(PDF) 9 Page - Exar Corporation |
|
ST16C2450IJ44 Fiches technique(HTML) 9 Page - Exar Corporation |
9 / 29 page áç áç áç áç ST16C2450 REV. 4.0.0 2.97V TO 5.5V DUART 9 2.8 Transmitter The transmitter section comprises of an 8-bit Transmit Shift Register (TSR) and 1 byte FIFO or Transmit Holding Register (THR). TSR shifts out every data bit with the 16X internal clock. A bit time is 16 clock periods. The transmitter sends the start-bit followed by the number of data bits, inserts the proper parity-bit if enabled, and adds the stop-bit(s). The status of the FIFO and TSR are reported in the Line Status Register (LSR bit-5 and bit-6). 2.8.1 Transmit Holding Register (THR) - Write Only The host loads transmit data to THR one character at a time. The THR empty flag (LSR bit-5) is set when the data byte is transferred to TSR. THR flag can generate a transmit empty interrupt (ISR bit-1) when it is enabled by IER bit-1. The TSR flag (LSR bit-6) is set when TSR becomes completely empty. TABLE 3: TYPICAL DATA RATES WITH A 14.7456 MHZ CRYSTAL OR EXTERNAL CLOCK OUTPUT Data Rate MCR Bit-7=0 DIVISOR FOR 16x Clock (Decimal) DIVISOR FOR 16x Clock (HEX) DLM PROGRAM VALUE (HEX) DLL PROGRAM VALUE (HEX) DATA RATE ERROR (%) 400 2304 900 09 00 0 2400 384 180 01 80 0 4800 192 C0 00 C0 0 9600 96 60 00 60 0 19.2k 483000 30 0 38.4k 241800 18 0 76.8k 12 0C 00 0C 0 153.6k 6 06 00 06 0 230.4k 4 04 00 04 0 460.8k 2 02 00 02 0 921.6k 1 01 00 01 0 FIGURE 5. TRANSMITTER OPERATION Transmit Holding Register (THR) Transmit Shift Register (TSR) Data Byte L S B M S B THR Interrupt (ISR bit-1) Enabled by IER bit-1 TXNOFIFO1 16X Clock |
Numéro de pièce similaire - ST16C2450IJ44 |
|
Description similaire - ST16C2450IJ44 |